Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICSSSTVF16859YK Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICSSSTVF16859YK
Description  DDR 13-Bit to 26-Bit Registered Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSSSTVF16859YK Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICSSSTVF16859YK Datasheet HTML 2Page - Integrated Circuit Systems ICSSSTVF16859YK Datasheet HTML 3Page - Integrated Circuit Systems ICSSSTVF16859YK Datasheet HTML 4Page - Integrated Circuit Systems ICSSSTVF16859YK Datasheet HTML 5Page - Integrated Circuit Systems ICSSSTVF16859YK Datasheet HTML 6Page - Integrated Circuit Systems ICSSSTVF16859YK Datasheet HTML 7Page - Integrated Circuit Systems ICSSSTVF16859YK Datasheet HTML 8Page - Integrated Circuit Systems ICSSSTVF16859YK Datasheet HTML 9Page - Integrated Circuit Systems ICSSSTVF16859YK Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
ICSSSTVF16859
Advance Information
0776—03/18/03
DC Electrical Characteristics - DDRI-400 (PC3200)
TA = 0 - 70°C; VDD = 2.5 +/-0.2V, VDDQ=2.5 +/-0.2V; (unless otherwise stated)
SYMBOL
PARAMETERS
VDDQ
MIN
TYP
MAX
UNITS
VIK
II = -18mA
2.5V
-1.2
IOH = -100µA
2.5V-2.7V
VDDQ -
0.2
IOH = -8mA
2.7V
1.95
IOL = 100µA
2.5V-2.7V
0.2
IOL = 8mA
2.5V
0.35
II
All Inputs
VI = VDD or GND
2.7V
±5
µA
Standby (Static)
RESET# = GND
0.01
µA
Operating (Static)
VI = VIH(AC) or VIL(AC),
RESET# = VDD
25
mA
Dynamic operating
(clock only)
RESET# = VDD,
VI = VIH(AC) or VIL(AC),
CLK and CLK# switching
50% duty cycle.
30
µ/clock
MHz
Dynamic Operating
(per each data input)
RESET# = VDD,
VI = VIH(AC) or VIL (AC),
CLK and CLK# switching
50% duty cycle. One data
input switching at half
clock frequency, 50%
duty cycle
10
µA/ clock
MHz/data
rOH
Output High
2.5V-2.7V
7
13.5
20
rOL
Output Low
2.5V-2.7V
7
13
20
rO(D)
[rOH - rOL] each
separate bit
2.6V
4
Data Inputs
2.5
3.5
CLK and CLK#
2.5
3.5
Notes:
1 - Guaranteed by design, not 100% tested in production.
IO = 0
CONDITIONS
2.7V
2.6V
VI = VREF ±350mV
VICR = 1.25V, VI(PP) = 360mV
pF
IOH = -16mA
V
Ci
IOL = 16mA
IO = 20mA, TA = 25° C
VOH
VOL
IDD
IDDD


Similar Part No. - ICSSSTVF16859YK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICSSSTVF16859YGLF-T RENESAS-ICSSSTVF16859YGLF-T Datasheet
349Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
2019
More results

Similar Description - ICSSSTVF16859YK

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
ICSSSTVF16859B IDT-ICSSSTVF16859B Datasheet
114Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
ASM4SSTVF16859 ALSC-ASM4SSTVF16859 Datasheet
162Kb / 16P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICSSSTV16859 ICST-ICSSSTV16859 Datasheet
233Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTVF16859B RENESAS-ICSSSTVF16859B Datasheet
349Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
2019
logo
Integrated Circuit Syst...
ICS16859C ICST-ICS16859C Datasheet
95Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
AS80SSTVF16859 ALSC-AS80SSTVF16859 Datasheet
122Kb / 13P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICS16859 ICST-ICS16859 Datasheet
97Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTVA16859C RENESAS-ICSSSTVA16859C Datasheet
530Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com