Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1186K5L Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1186K5L
Description  1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1186K5L Datasheet(HTML) 3 Page - Anachip Corp

  AP1186K5L Datasheet HTML 1Page - Anachip Corp AP1186K5L Datasheet HTML 2Page - Anachip Corp AP1186K5L Datasheet HTML 3Page - Anachip Corp AP1186K5L Datasheet HTML 4Page - Anachip Corp AP1186K5L Datasheet HTML 5Page - Anachip Corp AP1186K5L Datasheet HTML 6Page - Anachip Corp AP1186K5L Datasheet HTML 7Page - Anachip Corp AP1186K5L Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1186
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep.7, 2004
3/8
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vin
Input Voltage
16
V
Vctrl
Control Input Voltage
18
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +150
oC
Electrical Characteristics
Unless otherwise specified, these specifications apply over, Cin=1uF, Cout=10uF, and Tj=0 to 150
oC. Typical value refer to Tj=25oC.
Vout = Vsense.
SYM.
Parameter
Test Condition
Min. Typ. Max. Unit
VREF Reference Voltage AP1186-Adj
TJ=25
oC,(V
IN-VOUT)=0.5V,IO=10mA
Vctrl=VIN+1V
1.225 1.250 1.275
V
AP1186-1.5
IOUT = 10mA, TJ = 25
oC, 2V≦VIN≦12V
Vctrl=VIN+1V
1.470 1.500 1.530
AP1186-1.8
IOUT = 10mA, TJ = 25
oC, 2.3V≦VIN≦12V
Vctrl=VIN+1V
1.764 1.800 1.836
AP1186-2.5
IOUT = 10mA, TJ = 25
oC, 3V≦VIN≦12V
Vctrl=VIN+1V
2.450 2.500 2.550
AP1186-3.3
IOUT = 10mA, TJ = 25
oC, 3.8V≦V
IN≦12V
Vctrl=VIN+1V
3.235 3.300 3.365
Vout Output Voltage
AP1186-5.0
IOUT = 10mA, TJ = 25
oC, 5.5V≦V
IN≦12V
Vctrl=VIN+1V
4.900 5.000 5.100
V
Line Regulation
AP1186-XXX
IO=10mA, VOUT+0.5V<VIN<12V
Vctrl=VIN+1V
0.2
%
AP1186-Adj
0mA<Io<1.5A, TJ=25
oC
(VIN – VOUT) = 2V, Vctrl= VIN + 1V
1
%
AP1186-1.5
VIN=3V, 0mA<Io<1.5A, TJ=25
oC
Vctrl=4V
12
15
mV
AP1186-1.8
VIN=3.3V, 0mA<Io<1.5A, TJ=25
oC
Vctrl=4.3V
15
18
mV
AP1186-2.5
VIN=4V, 0mA<Io<1.5A, TJ=25
oC
Vctrl=5V
20
25
mV
AP1186-3.3
VIN = 5V, 0≦IOUT≦1.5A, TJ=25
oC ,
TJ=25
oC V
ctrl=6V
26
33
mV
Load Regulation
AP1186-5.0
VIN = 8V, 0≦IOUT≦1.5A, TJ=25
oC ,
TJ=25
oC Vctrl=9V
40
50
mV
Dropout Voltage
(Vctrl-Vout)
Vadj=0V for all conditions below.
Vin=2.05V, Io=1.5A
1.23
V
Dropout Voltage
(Vin-Vout)
Vadj=0V for all conditions below.
Vctrl=3V, Io=1.5A
0.26 0.38
V
Current Limit
Vctrl=3V, Vin=2.05V, ∆Vo=100mV, Vadj=0V
1.6
A
Minimum Load
Current
Vctrl=5V, Vin=3.3V, Vadj=0V
5
10
mA


Similar Part No. - AP1186K5L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1186K5 DIODES-AP1186K5 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186K5-15L-13 DIODES-AP1186K5-15L-13 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186K5-15L-U DIODES-AP1186K5-15L-U Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186K5-18L-13 DIODES-AP1186K5-18L-13 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186K5-18L-U DIODES-AP1186K5-18L-U Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
More results

Similar Description - AP1186K5L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1186 A-POWER-APE1186 Datasheet
478Kb / 9P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
GTM CORPORATION
G5E1286 GTM-G5E1286 Datasheet
299Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com