Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1186K5L Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1186K5L
Description  1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1186K5L Datasheet(HTML) 2 Page - Anachip Corp

  AP1186K5L Datasheet HTML 1Page - Anachip Corp AP1186K5L Datasheet HTML 2Page - Anachip Corp AP1186K5L Datasheet HTML 3Page - Anachip Corp AP1186K5L Datasheet HTML 4Page - Anachip Corp AP1186K5L Datasheet HTML 5Page - Anachip Corp AP1186K5L Datasheet HTML 6Page - Anachip Corp AP1186K5L Datasheet HTML 7Page - Anachip Corp AP1186K5L Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1186
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep.7, 2004
2/8
Block Diagram
THERMAL
SHUTDOWN
Vout
Adj
1.25V
+
CURRENT
LIMIT
Vin
+
-
+
+
Vsense
Vctrl
Package Connect Diagram
5 PIN TO263
5 PIN TO220
Tab is Vout
FRONT VIEW
Tab is Vout
FRONT VIEW
Vout
Vsense
Adj(GND)
Vctrl
Vin
5
2
1
4
3
3
2
1
Vout
Vsense
Adj(GND)
Vctrl
Vin
4
5
Pin Descriptions
Name
I/O
Description
Adj
(GND)
A resistor divider from this pin to the Vout pin and ground sets the output voltage.
(GND only for fixed mode)
Vsense
I
This pin is the positive side of the reference that allows remote load sensing to
achieve excellent load regulation. A minimum of 10uF capacitor must be connected
from this pin to ground to insure stability.
Vin
I
The input of the regulator. Typically a large storage capacitor is connected from this
pin to ground to insure that the input voltage does not sag below the minimum
dropout voltage during the load transient response. This pin must always be higher
than Vout in order for the device to regulate.
Vctrl
I
This pin is the supply pin for the internal control circuit as well as the base drive for
the pass transistor. This pin must always by higher than the Vout pin in order the
device to regulate. A minimum of 100uF capacitor must be connected from this pin
to ground to insure stability.
NC
Not used.
Vout
O
The output of the regulator. A minimum of 100uF capacitor must be connected from
this pin to ground to insure stability.


Similar Part No. - AP1186K5L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1186K5 DIODES-AP1186K5 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186K5-15L-13 DIODES-AP1186K5-15L-13 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186K5-15L-U DIODES-AP1186K5-15L-U Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186K5-18L-13 DIODES-AP1186K5-18L-13 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186K5-18L-U DIODES-AP1186K5-18L-U Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
More results

Similar Description - AP1186K5L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1186 A-POWER-APE1186 Datasheet
478Kb / 9P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
GTM CORPORATION
G5E1286 GTM-G5E1286 Datasheet
299Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com