Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXCL250H5 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXCL250H5
Description  MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL250H5 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXCL250H5 Datasheet HTML 1Page - Zetex Semiconductors ZXCL250H5 Datasheet HTML 2Page - Zetex Semiconductors ZXCL250H5 Datasheet HTML 3Page - Zetex Semiconductors ZXCL250H5 Datasheet HTML 4Page - Zetex Semiconductors ZXCL250H5 Datasheet HTML 5Page - Zetex Semiconductors ZXCL250H5 Datasheet HTML 6Page - Zetex Semiconductors ZXCL250H5 Datasheet HTML 7Page - Zetex Semiconductors ZXCL250H5 Datasheet HTML 8Page - Zetex Semiconductors ZXCL250H5 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ZXCL5213V25, ZXCL5213V26, ZXCL5213V28, ZXCL5213V30, ZXCL5213V33, ZXCL5213V40
ZXCL250, ZXCL260, ZXCL280, ZXCL300, ZXCL330, ZXCL400
DESCRIPTION
The ZXCL series have been designed with space
sensitive systems in mind. They are available in the
ultra small SC70-5 package, which is half the size of
other SOT23 based regulators.
The devices can be used with all types of output
capacitors including low ESR ceramics and typical
dropout voltage, is only 85mV at 50mA load. Supply
current is minimised with a ground pin current of only
50 A at full 150mA load. Logic control allows the
devices to be shut down, consuming typically less than
10nA. These features make the device ideal for battery
powered applications where power economy is
critical.
FEATURES
5-pin SC70 package for the ultimate in space
saving
5-pin SOT23 industry standard pinout
Can be used with all types of output capacitor
Low 85mV dropout at 50mA load
50 A ground pin current with full 150mA load
Typically less than 10nA ground pin current on
shutdown
2.5, 2.6, 2.8, 3, 3.3 and 4 volts output
Very low noise, without bypass capacitor
Thermal overload and over-current protection
-40 to +85°C operating temperature range
No-load stable
PACKAGE FOOTPRINT
For applications requiring improved performance over
alternative devices, the ZXCL is also offered in the 5 pin
SOT23 package with an industry standard pinout.
The devices feature thermal overload and over-current
protection and are available with output voltages of
2.5V, 2.6V, 2.8V, 3V, 3.3V and 4V. Other voltage options
between 1.5V and 4V can be provided. Contact Zetex
marketing for further information.
The ZXCL series are manufactured using CMOS
processing, however advanced design techniques
mean that output noise is
improved even when
compared to other bipolar devices.
APPLICATIONS
Cellular and Cordless phones
Palmtop and laptop computers
PDA
Hand held instruments
Camera, Camcorder, Personal Stereo
PCMCIA cards
Portable and Battery-powered equipment
No-Load Stability, the ZXCL device will maintain regulation and is stable
with no external load. e.g. CMOS RAM applacations.
ZXCL Series
ISSUE 7 - AUGUST 2002
1
MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
TYPICAL APPLICATION CIRCUIT


Similar Part No. - ZXCL250H5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL250H5 ZETEX-ZXCL250H5 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL250H5TA DIODES-ZXCL250H5TA Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
More results

Similar Description - ZXCL250H5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Guangdong Youtai Semico...
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
   Tiny SC70-5 /SOT23-5 Packages
logo
Acutechnology Semicondu...
AQ102 ACUTECH-AQ102 Datasheet
445Kb / 7P
   Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
AQ120 ACUTECH-AQ120 Datasheet
449Kb / 7P
   Battery Charger Controller SOT23-5 and SC70-5 Package
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
   Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G07 UMW-SN74LVC1G07 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Maxim Integrated Produc...
MAX4465EXK MAXIM-MAX4465EXK Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
logo
Acutechnology Semicondu...
AQ105 ACUTECH-AQ105 Datasheet
428Kb / 5P
   Secondary V/I amplifier SOT23-5 and SC70-5 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com