Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8622912SSC Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z8622912SSC
Description  NTSC LINE 21 CCD DECODER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8622912SSC Datasheet(HTML) 3 Page - Zilog, Inc.

  Z8622912SSC Datasheet HTML 1Page - Zilog, Inc. Z8622912SSC Datasheet HTML 2Page - Zilog, Inc. Z8622912SSC Datasheet HTML 3Page - Zilog, Inc. Z8622912SSC Datasheet HTML 4Page - Zilog, Inc. Z8622912SSC Datasheet HTML 5Page - Zilog, Inc. Z8622912SSC Datasheet HTML 6Page - Zilog, Inc. Z8622912SSC Datasheet HTML 7Page - Zilog, Inc. Z8622912SSC Datasheet HTML 8Page - Zilog, Inc. Z8622912SSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
<
ZiLOG
065% .KPG %%& &GEQFGT
&5
24 ' . + /+ 0# 4 ;

PIN DESCRIPTION
#$51.76' /#:+/7/4#6+0)5
Figure 2. Z86229 Pin Configuration
I2C SEL
GREEN
BLUE
SEN
HIN
SMS
VIDEO
CSYNC
LPF
RED
BOX
SDO
SCK
SDA
VIN/INTRO
VDD
VSS (A)
RREF
18
18-Pin
DIP/SOIC
1
9
10
2
3
4
5
6
7
8
11
12
13
14
15
16
17
Table 1. Z86229 Pin Identification*
0Q 5[ODQN
(WPEVKQP
&KTGEVKQP

+%5'.
+%#FFTGUU 5GNGEVKQP
+PRWV

)4''0
8KFGQ 1WVRWV
1WVRWV

$.7'
8KFGQ 1WVRWV
1WVRWV

5'0
5GTKCN 'PCDNG
+PRWV

*+0
*QTK\QPVCN +P
+PRWV

5/5
5GTKCN /QFG 5GNGEV
+PRWV

8+&'1
%QORQUKVG 8KFGQ
+PRWV

%5;0%
%QORQUKVG 5[PE
1WVRWV

.2(
.QQR (KNVGT
1WVRWV
 44'(
4GUKUVQT 4GHGTGPEG
+PRWV
 855 #
2YT5WRRN[#PCNQI
)0&
 8&&
2QYGT5WRRN[
 8+0+0641 8GTVKECN +P+PVGTTWRV 1WV
+P1WVRWV
 5&#
5GTKCN&CVC
+P1WVRWV
 5%-
5GTKCN %NQEM
+PRWV
 5&1
5GTKCN&CVC 1WV
1WVRWV
 $1:
15& 6KOKPI 5KIPCN
1WVRWV
 4'&
8KFGQ 1WVRWV
1WVRWV
Note: *DIP and SOIC pin configurations are identical.
5[ODQN
2CTCOGVGT
8CNWG
7PKV
8&&
&% 5WRRN[ 8QNVCIG
 VQ 
8
8+0
&% +PRWV8QNVCIG
VQ 8&& 
8
8176
&% 1WVRWV8QNVCIG
VQ 8&& 
8
++0
&% +PRWV%WTTGPV RGT2KP

O#
+176
&% 1WVRWV%WTTGPVRGT2KP

O#
+&&
&% 5WRRN[ %WTTGPV

O#
2&
2QYGT&KUUKRCVKQP RGT &GXKEG

O9
656)
5VQTCIG6GORGTCVWTG
 VQ

%
6.
.GCF6GORGTCVWTG  OO HTQO %CUG HQTUGEQPFU

%
Notes:
*Voltages referenced to VSS (A). Values beyond the maximum ratings listed above may cause damage to the device. Functional
operation should be restricted to the limits specified in the DC and AC Characteristics tables or Pin Description section.


Similar Part No. - Z8622912SSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86227 ZILOG-Z86227 Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86227-04PSC ZILOG-Z86227-04PSC Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86228 ZILOG-Z86228 Datasheet
87Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
Z8622812PSC ZILOG-Z8622812PSC Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER(L21C)
Z8622812PSG ZILOG-Z8622812PSG Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
More results

Similar Description - Z8622912SSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L2908 ZILOG-Z86L2908 Datasheet
32Kb / 2P
   NTSC LINE 21 DECODER
Z8623012SSG ZILOG-Z8623012SSG Datasheet
1Mb / 61P
   ADVANCED PROGRAM BLOCKING AND NTSC LINE 21 XDS DECODER
Z86129 ZILOG-Z86129 Datasheet
927Kb / 50P
   NTSC LINE 21 DECIDER
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
   CCD Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
logo
NXP Semiconductors
TDA3570 PHILIPS-TDA3570 Datasheet
209Kb / 6P
   NTSC DECODER
October 1979
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com