Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB-TK2051 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RB-TK2051
Description  CLASS-T DIGITAL AUDIO AMPLIFIER 6 CHANNEL TK2051 REFERENCE BOARD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RB-TK2051 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RB-TK2051 Datasheet HTML 1Page - List of Unclassifed Manufacturers RB-TK2051 Datasheet HTML 2Page - List of Unclassifed Manufacturers RB-TK2051 Datasheet HTML 3Page - List of Unclassifed Manufacturers RB-TK2051 Datasheet HTML 4Page - List of Unclassifed Manufacturers RB-TK2051 Datasheet HTML 5Page - List of Unclassifed Manufacturers RB-TK2051 Datasheet HTML 6Page - List of Unclassifed Manufacturers RB-TK2051 Datasheet HTML 7Page - List of Unclassifed Manufacturers RB-TK2051 Datasheet HTML 8Page - List of Unclassifed Manufacturers RB-TK2051 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
4
RB-TK2051 – Rev. 1.0/06.02
JUMPER SETTINGS
There is a 3-pin header for the MUTE control of the TK2051. With the jumper placed in the G5 position the
system is un-muted. When the jumper is placed in the V5 position the mute pin is pulled high (5V) and the
amplifiers are muted. Please refer to the Board Connection Diagram for the connector locations on the
RB-TK2051.
OUTPUT OFFSET NULL
There are six potentiometers that are used to manually trim the output offset to 0Vdc. Please refer to the
Board Connection Diagram for the potentiometer locations on the RB-TK2051. The Evaluation board is
shipped with the offsets nulled within +/-10mV.
GAIN SETTING
The gain of the RB-TK2051 Rev 2.2 is set to 15V/V. The gain of the TK2051 is the product of the TC2000
(control stage) gain and the TP2051 (power stage) gain. The control stage gain is set to unity. Before
changing the gain of the RB-TK2051, please refer to the Amplifier Gain section of the TK2051 Data Sheet.
Performing Measurements on the EB-TK2051 Rev 1.3:
The TK2051 operates by generating a high frequency switching signal based on the audio input. This
signal is sent through a low-pass filter that recovers an amplified version of the audio input. The frequency
of the switching pattern is spread spectrum in nature and typically varies between 100kHz and 1MHz,
which is well above the 20Hz – 20kHz audio band. The pattern itself does not alter or distort the audio
input signal, but it does introduce some inaudible components.
The measurements of certain performance parameters, particularly noise related specifications such as
THD+N, are significantly affected by the design of the low-pass filter used on the output as well as the
bandwidth setting of the measurement instrument used. Unless the filter has a very sharp roll-off just
beyond the audio band or the bandwidth of the measurement instrument is limited, some of the inaudible
noise components introduced by the TK2051 amplifier switching pattern will degrade the measurement by
including out of band (audio) energy.
One feature of the TK2051 is that it does not require large multi-pole filters to achieve excellent
performance in listening tests, usually a more critical factor than performance measurements. Though
using a multi-pole filter may remove high-frequency noise and improve THD+N type measurements (when
they are made with wide-bandwidth measuring equipment), these same filters degrade frequency
response. The RB-TK2051 has a simple two-pole output filter with excellent performance in listening
tests.
(See Application Note 4 for additional information on bench testing)


Similar Part No. - RB-TK2051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB-TK2050 ETC-RB-TK2050 Datasheet
415Kb / 13P
   CLASS-T DIGITAL AUDIO AMPLIFIER 1 CHANNEL TK2050 REFERENCE BOARD
More results

Similar Description - RB-TK2051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB-TK2050 ETC-RB-TK2050 Datasheet
415Kb / 13P
   CLASS-T DIGITAL AUDIO AMPLIFIER 1 CHANNEL TK2050 REFERENCE BOARD
RB-TK2019 ETC-RB-TK2019 Datasheet
408Kb / 11P
   2 X 20W CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD
logo
Tripath Technology Inc.
RB-TA3020-1 TRIPATH-RB-TA3020-1 Datasheet
831Kb / 20P
   CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
EB-TK2050 TRIPATH-EB-TK2050 Datasheet
538Kb / 14P
   CLASS-T DIGITAL AUDIO AMPLIFIER 2 CHANNEL TK2050 EVALUATION BOARD
EB-TA2022 TRIPATH-EB-TA2022 Datasheet
530Kb / 13P
   CLASS-T DIGITAL AUDIO AMPLIFIER 2 CHANNEL TA2022 EVALUATION BOARD
EB-TA1101B TRIPATH-EB-TA1101B Datasheet
543Kb / 9P
   Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
TCD6001 TRIPATH-TCD6001 Datasheet
411Kb / 43P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TCD6000 TRIPATH-TCD6000 Datasheet
676Kb / 36P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TK2019 TRIPATH-TK2019 Datasheet
414Kb / 21P
   STEREO 20W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
TK2050 TRIPATH-TK2050 Datasheet
400Kb / 19P
   STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com