Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4884 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PI4884
Description  TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PI4884 Datasheet(HTML) 3 Page - NXP Semiconductors

  PI4884 Datasheet HTML 1Page - NXP Semiconductors PI4884 Datasheet HTML 2Page - NXP Semiconductors PI4884 Datasheet HTML 3Page - NXP Semiconductors PI4884 Datasheet HTML 4Page - NXP Semiconductors PI4884 Datasheet HTML 5Page - NXP Semiconductors PI4884 Datasheet HTML 6Page - NXP Semiconductors PI4884 Datasheet HTML 7Page - NXP Semiconductors PI4884 Datasheet HTML 8Page - NXP Semiconductors PI4884 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
PI4884
TrenchMOS™ logic level FET
Product data
Rev. 02 — 12 April 2002
3 of 12
9397 750 09583
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
VGS ≥ 5V
Fig 1.
Normalized total power dissipation as a
function of solder point temperature.
Fig 2.
Normalized continuous drain current as a
function of solder point temperature.
Tsp =25 °C; IDM is single pulse
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
03aa17
0
40
80
Pder
120
0
50
100
150
200
Tsp (ºC)
(%)
03aa25
0
40
80
120
0
50
100
150
200
Tsp (
oC)
Ider
(%)
P
der
P
tot
P
tot 25 C
°
()
-----------------------
100%
×
=
I
der
I
D
I
D25 C
°
()
-------------------
100%
×
=
Limit RDSon = VDS / ID
DC
tp =
100
µs
1 ms
10 ms
VDS (V)
102
10
1
10-1
ID
(A)
102
10
10-1
1
10-2
003aaa160
10
µs
1 s


Similar Part No. - PI4884

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI400 ETC2-PI400 Datasheet
2Mb / 8P
   Raspberry PI 400 US KIT ENGLISH VERSION
November 2020
logo
AMI SEMICONDUCTOR
PI400MC-A4 AMI-PI400MC-A4 Datasheet
600Kb / 7P
   400DPI CIS Module
PI403MC-A6 AMI-PI403MC-A6 Datasheet
591Kb / 6P
   400DPI CIS Module
PI404MC-A8 AMI-PI404MC-A8 Datasheet
605Kb / 7P
   400DPI CIS Module
PI409MC-A4 AMI-PI409MC-A4 Datasheet
611Kb / 8P
   400DPI CIS Module
More results

Similar Description - PI4884

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com