Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GNR20D241K Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GNR20D241K
Description  VARISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GNR20D241K Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GNR20D241K Datasheet HTML 1Page - List of Unclassifed Manufacturers GNR20D241K Datasheet HTML 2Page - List of Unclassifed Manufacturers GNR20D241K Datasheet HTML 3Page - List of Unclassifed Manufacturers GNR20D241K Datasheet HTML 4Page - List of Unclassifed Manufacturers GNR20D241K Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TYPE
GNR20D□□□
□□□
□□□
□□□K
MODEL
PAGE
5/5
CITATION
DATE
Oct. 05, 2001
SUBJECT
ELECTRICAL CHARACTERISTICS
REV.
B01
MAXIMUM
ALLOWABLE
VOLTAGE
VARISTOR
VOLTAGE
CLAMPING
VOLTAGE
(MAX.)
RATED
WATTAGE
(MAX.)
SURGE
CURRENT
(8/20μ
μ
μ
μs)
MAXIMUM
ENERGY
(10/1000μ
μ
μ
μs)
SURGE
LIFE
Itm(A)
PART
NUMBER
ACrms(V) DC(V)
(V)
(V)
Ip(A)
(W)
1 TIME
2 TIMES
Wtm(joule)
(A)
20D180K
11
14
16〜20
36
13.0
20D220K
14
18
20〜24
43
16.0
20D270K
17
22
24〜30
53
19.0
20D330K
20
26
30〜36
65
24.0
20D390K
25
31
35〜43
77
28.0
20D470K
30
38
42〜52
93
34.0
20D560K
35
45
50〜62
110
41.0
20D680K
40
56
61〜75
135
20
0.2
3000
2000
49.0
130
20D820K
50
65
74〜90
135
56.0
20D101K
60
85
90〜110
165
70.0
20D121K
75
100
108〜132
200
85.0
20D151K
95
125
135〜165
250
106.0
20D181K
115
150
162〜198
300
130.0
20D201K
130
170
185〜225
340
140.0
20D221K
140
180
198〜242
360
155.0
20D241K
150
200
216〜264
395
168.0
20D271K
175
225
247〜303
455
190.0
20D301K
190
250
270〜330
505
210.0
20D331K
210
275
297〜363
545
228.0
20D361K
230
300
324〜396
595
255.0
20D391K
250
320
351〜429
650
275.0
20D431K
275
350
387〜473
710
303.0
20D471K
300
385
423〜517
775
350.0
20D511K
320
410
459〜561
845
10000
382.0
20D561K
350
460
504〜616
920
382.0
20D621K
385
505
558〜682
1025
382.0
20D681K
420
560
612〜748
1120
382.0
20D751K
460
615
675〜825
1240
420.0
20D781K
485
640
702〜858
1290
440.0
20D821K
510
670
738〜902
1355
460.0
20D911K
550
745
819〜1001
1500
510.0
20D102K
625
825
900〜1100
1650
565.0
20D112K
680
895
990〜1210
1815
620.0
250
20D182K
1000
1465
1700〜1980
2970
100
1.0
7500
6500
1020.0
200


Similar Part No. - GNR20D241K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR20D241K CERAMATE-GNR20D241K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
GNR20D241KA CERAMATE-GNR20D241KA Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
More results

Similar Description - GNR20D241K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
   VARISTOR
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
   Varistor
VR61F1 SHINDENGEN-VR61F1 Datasheet
282Kb / 6P
   Varistor
VRYA6 SHINDENGEN-VRYA6_10 Datasheet
399Kb / 2P
   Varistor
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
   Varistor
logo
Ceramate Technical
GNR07DK CERAMATE-GNR07DK Datasheet
61Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
   Varistor
logo
Ceramate Technical
GNR10D CERAMATE-GNR10D Datasheet
63Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VRYA15 SHINDENGEN-VRYA15_10 Datasheet
580Kb / 2P
   Varistor
VRYA15 SHINDENGEN-VRYA15 Datasheet
320Kb / 7P
   Varistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com