Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF18085AR3 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF18085AR3
Description  RF Power Field Effect Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF18085AR3 Datasheet(HTML) 4 Page - Motorola, Inc

  MRF18085AR3 Datasheet HTML 1Page - Motorola, Inc MRF18085AR3 Datasheet HTML 2Page - Motorola, Inc MRF18085AR3 Datasheet HTML 3Page - Motorola, Inc MRF18085AR3 Datasheet HTML 4Page - Motorola, Inc MRF18085AR3 Datasheet HTML 5Page - Motorola, Inc MRF18085AR3 Datasheet HTML 6Page - Motorola, Inc MRF18085AR3 Datasheet HTML 7Page - Motorola, Inc MRF18085AR3 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5-4
RF Device Data
Freescale Semiconductor
MRF18085AR3 MRF18085ALSR3
TYPICAL CHARACTERISTICS
1000
10
17
0
Pout, OUTPUT POWER (WATTS)
Figure 3. Power Gain versus Output Power
16
15
14
13
12
11
1
10
100
Pout, OUTPUT POWER (WATTS)
Figure 4. Power Gain versus Output Power
1000
9
17
1
TC = 25_C
50
_C
Pout, OUTPUT POWER (WATTS)
Figure 5. Power Gain versus Output Power
VDD = 26 Vdc
IDQ = 800 mA
f = 1840 MHz
100
10
16
15
14
13
12
11
10
85
_C
1900
0
120
1800
Pin = 8 W
f, FREQUENCY (MHz)
Figure 6. Output Power versus Frequency
VDD = 26 Vdc
IDQ = 800 mA
TC = 25_C
4 W
1 W
0.5 W
100
80
60
40
20
1820
1840
1860
1880
1950
10
17
1750
−28
0
Gps @ 30 W
f, FREQUENCY (MHz)
Figure 7. Power Gain versus Frequency
VDD = 26 Vdc
IDQ = 800 mA
TC = 25_C
Gps @ 80 W
IRL @ 80 W
IRL @ 30 W
16
−4
15
−8
14
−12
13
−16
12
−20
11
−24
1800
1850
1900
η
1000
10
16
0.1
0
60
Gps
Pout, OUTPUT POWER (WATTS)
Figure 8. Power Gain and Efficiency versus
Output Power
VDD = 26 Vdc
IDQ = 800 mA
f = 1840 MHz
TC = 25_C
15
50
14
40
13
30
12
20
11
10
1
10
100
1000
8
17
0.1
24 V
IDQ = 800 mA
f = 1840 MHz
TC = 25_C
16
15
14
13
12
11
10
9
1
10
100
VDD = 20 V
28 V
32 V
IDQ = 1000 mA
VDD = 26 Vdc
f = 1840 MHz
TC = 25_C
800 mA
600 mA
400 mA


Similar Part No. - MRF18085AR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF18085AR3 MOTOROLA-MRF18085AR3 Datasheet
409Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF18085AR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com