Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5535 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5535
Description  Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5535 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5535 Datasheet HTML 3Page - Maxim Integrated Products MAX5535 Datasheet HTML 4Page - Maxim Integrated Products MAX5535 Datasheet HTML 5Page - Maxim Integrated Products MAX5535 Datasheet HTML 6Page - Maxim Integrated Products MAX5535 Datasheet HTML 7Page - Maxim Integrated Products MAX5535 Datasheet HTML 8Page - Maxim Integrated Products MAX5535 Datasheet HTML 9Page - Maxim Integrated Products MAX5535 Datasheet HTML 10Page - Maxim Integrated Products MAX5535 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Typical Operating Characteristics
(VDD = 5.0V, VREF = 4.096V (MAX5532/MAX5534), VREF = 3.9V (MAX5533/MAX5535), TA = +25°C, unless otherwise noted.)
Dual, Ultra-Low-Power,
12-Bit, Voltage-Output DACs
_______________________________________________________________________________________
7
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(MAX5532/MAX5534)
SUPPLY VOLTAGE (V)
5.5
5.0
4.0 4.5
2.5 3.0 3.5
2.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
1.5
6.0
SUPPLY CURRENT vs. TEMPERATURE
(MAX5532/MAX5534)
TEMPERATURE (°C)
60
35
10
-15
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
-40
85
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(MAX5533/MAX5535)
SUPPLY VOLTAGE (V)
5.5
5.0
4.0 4.5
2.5 3.0 3.5
2.0
1
2
3
4
5
6
7
8
9
10
0
1.5
6.0
SUPPLY CURRENT vs. TEMPERATURE
(MAX5533/MAX5535)
TEMPERATURE (°C)
60
35
10
-15
1
2
3
4
5
6
7
8
9
10
0
-40
85
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE (MAX5532/MAX5534)
TEMPERATURE (°C)
60
35
10
-15
1
10
100
1000
0.1
-40
85
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE (MAX5533/MAX5535)
TEMPERATURE (°C)
60
35
10
-15
1
10
100
1000
0.1
-40
85
STANDBY SUPPLY CURRENT
vs. TEMPERATURE (MAX5533/MAX5535)
TEMPERATURE (°C)
60
35
10
-15
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
-40
85
VREF = 3.9V
VREF = 2.4V
VREF = 1.9V
VREF = 1.2V
SUPPLY CURRENT
vs. CLOCK FREQUENCY
FREQUENCY (kHz)
10000
1000
100
10
1
0.1
10
100
1000
1
0.01
100000
CS = LOGIC LOW
CODE = 0
VDD = 5V
VDD = 1.8V
SUPPLY CURRENT
vs. LOGIC INPUT VOLTAGE
LOGIC INPUT VOLTAGE (V)
4.5
4.0
3.0 3.5
1.0 1.5 2.0 2.5
0.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
05.0
VDD = 5V
ALL DIGITAL INPUTS
SHORTED TOGETHER


Similar Part No. - MAX5535

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5535 MAXIM-MAX5535 Datasheet
446Kb / 10P
   MAX5535 Evaluation Kit
Rev 1; 4/08
MAX5535ETC MAXIM-MAX5535ETC Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5535EVKIT MAXIM-MAX5535EVKIT Datasheet
446Kb / 10P
   MAX5535 Evaluation Kit
Rev 1; 4/08
More results

Similar Description - MAX5535

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
   ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
MAX5523EUA MAXIM-MAX5523EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com