Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-62563-TR1 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # MGA-62563-TR1
Description  Current-Adjustable, Low Noise Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA-62563-TR1 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button MGA-62563-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MGA-62563-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MGA-62563-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA-62563-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA-62563-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA-62563-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) MGA-62563-TR1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) MGA-62563-TR1 Datasheet HTML 11Page - Agilent(Hewlett-Packard) MGA-62563-TR1 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
MGA-62563 Typical Performance, Vd = 5V, Ids = 30 mA at 50Ω Input and Output
Figure 20. Gain vs. Frequency (5V 30 mA).
FREQUENCY (MHz)
0
3000
500
1000
1500
2000
2500
25
20
15
10
5
-40
°C
25
°C
85
°C
Figure 21. NF vs. Frequency (5V 30 mA).
FREQUENCY (MHz)
0
3000
500
1000
1500
2000
2500
2
1.5
1
0.5
0
-40
°C
25
°C
85
°C
Figure 22. OIP3 vs. Frequency (5V 30 mA).
FREQUENCY (MHz)
0
3000
500
1000
1500
2000
2500
33
31
29
27
25
23
-40
°C
25
°C
85
°C
Figure 23. OP1dB vs. Frequency (5V 30 mA).
FREQUENCY (MHz)
0
3000
500
1000
1500
2000
2500
22
20
18
16
14
12
-40
°C
25
°C
85
°C


Similar Part No. - MGA-62563-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-62563 AVAGO-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-62563 BOARDCOM-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
More results

Similar Description - MGA-62563-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-685T6 BOARDCOM-DEMO-MGA-685T6 Datasheet
790Kb / 19P
   Current-Adjustable, Low Noise Amplifier
MGA-685T6 BOARDCOM-MGA-685T6 Datasheet
790Kb / 19P
   Current-Adjustable, Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-68563 AVAGO-MGA-68563 Datasheet
284Kb / 18P
   Current-Adjustable, Low Noise Amplifier
logo
Broadcom Corporation.
MGA-68563 BOARDCOM-MGA-68563 Datasheet
284Kb / 18P
   Current-Adjustable, Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-685T6 AVAGO-MGA-685T6 Datasheet
790Kb / 19P
   Current-Adjustable, Low Noise Amplifier
MGA-6X563 AVAGO-MGA-6X563 Datasheet
86Kb / 1P
   Current Adjustable Low Noise Amplifier in SOT-363 Package
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
logo
AVAGO TECHNOLOGIES LIMI...
MGA-61563 AVAGO-MGA-61563_15 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-61563 BOARDCOM-MGA-61563 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
DEMO-MGA-6X563 BOARDCOM-DEMO-MGA-6X563 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com