Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37905F8CSP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M37905F8CSP
Description  16-BIT CMOS MICROCOMPUTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37905F8CSP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M37905F8CSP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37905F8CSP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37905F8CSP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37905F8CSP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37905F8CSP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37905F8CSP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37905F8CSP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37905F8CSP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37905F8CSP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
M37905F8CFP, M37905F8CSP
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Som
e param
etric
lim
its are
subject
to change.
16-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
8
PIN DESCRIPTION (FLASH MEMORY SERIAL I/O MODE)
VCC, VSS
MD0
MD1
_____
RESET
XIN
XOUT
AVcc, AVss
VREF
P10–P17
P20–P23, P27
P24
P25
P26
P4OUTCUT
P6OUTCUT
P40–P47
P55–P53,
P55–P57
P60–P67
P70–P74
P80–P83
VCONT
Pin
Power supply input
MD0
MD1
Reset input
Clock input
Clock output
Analog supply input
Reference voltage input
Input port P1
Input port P2
SCLK input
SDA I/O
BUSY output
P4OUTCUT input
P6OUTCUT input
Input port P4
Input port P5
Input port P6
Input port P7
Input port P8
Filter circuit connection
Name
Input
Input
Input
Input
Output
Input
Input
Input
Input
I/O
Output
Input
Input
Input
Input
Input
Input
Input
Input
/Output
Functions
Apply 5 V ± 0.5 V to Vcc, and 0 V to Vss.
Connect this pin to Vss.
Connect this pin to Vss via a resistor of 10 k
Ω to 100 kΩ.
The reset input pin.
Connect a ceramic oscillator between the XIN and XOUT pins, or input an external
clock from the XIN pin with the XOUT pin left open.
Connect AVcc to Vcc, and AVss to Vss.
Input an arbitrary level within the range of VSS–VCC. (This is not used in the flash memory serial I/O mode.)
Input “H” or “L”, or leave them open. (This is not used in the flash memory serial I/O mode.)
Input “H” or “L”, or leave them open. (This is not used in the flash memory serial I/O mode.)
This is an input pin for a serial clock.
This is an I/O pin for serial data. Connect this pin to VCC via a resistor (about 1 k
Ω).
This is an output pin for the BUSY signal.
Input “H”.
Input “H”.
Input “H” or “L”, or leave them open. (This is not used in the flash memory serial I/O mode.)
Input “H” or “L”, or leave them open. (This is not used in the flash memory serial I/O mode.)
Input “H” or “L”, or leave them open. (This is not used in the flash memory serial I/O mode.)
Input “H” or “L”, or leave them open. (This is not used in the flash memory serial I/O mode.)
Input “H” or “L”, or leave them open. (This is not used in the flash memory serial I/O mode.)
Connect this pin to the filter circuit, or leave this pin open. (This is not used in the flash
memory serial I/O mode.)


Similar Part No. - M37905F8CSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37905F8CSP RENESAS-M37905F8CSP Datasheet
489Kb / 35P
   16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37905F8CSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37920S4CGP MITSUBISHI-M37920S4CGP Datasheet
438Kb / 39P
   16 BIT CMOS MICROCOMPUTER
M37735S4BFP MITSUBISHI-M37735S4BFP Datasheet
935Kb / 36P
   16-BIT CMOS MICROCOMPUTER
M37733S4BFP MITSUBISHI-M37733S4BFP Datasheet
919Kb / 36P
   16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37906F8CFP RENESAS-M37906F8CFP Datasheet
448Kb / 35P
   16-BIT CMOS MICROCOMPUTER
M37733S4LHP RENESAS-M37733S4LHP Datasheet
828Kb / 37P
   16-BIT CMOS MICROCOMPUTER
M37733S4BFP RENESAS-M37733S4BFP Datasheet
839Kb / 37P
   16-BIT CMOS MICROCOMPUTER
M37735S4BFP RENESAS-M37735S4BFP Datasheet
855Kb / 37P
   16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M37906F8CFP MITSUBISHI-M37906F8CFP Datasheet
276Kb / 34P
   16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37903S4CHP RENESAS-M37903S4CHP Datasheet
192Kb / 11P
   16-BIT CMOS MICROCOMPUTER
M37905M4C-XXXFP RENESAS-M37905M4C-XXXFP Datasheet
1Mb / 103P
   16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com