Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3714 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3714
Description  Intel Compatible, Wide Operating Range, Step-Down Controller with Internal Op Amp
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3714 Datasheet(HTML) 2 Page - Linear Technology

  LTC3714 Datasheet HTML 1Page - Linear Technology LTC3714 Datasheet HTML 2Page - Linear Technology LTC3714 Datasheet HTML 3Page - Linear Technology LTC3714 Datasheet HTML 4Page - Linear Technology LTC3714 Datasheet HTML 5Page - Linear Technology LTC3714 Datasheet HTML 6Page - Linear Technology LTC3714 Datasheet HTML 7Page - Linear Technology LTC3714 Datasheet HTML 8Page - Linear Technology LTC3714 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3714
2
3714f
(Note 1)
Input Supply Voltage (VIN), ION..................36V to –0.3V
Boosted Topside Driver Supply Voltage
(BOOST) ................................................... 42V to – 0.3V
SW, SENSE Voltages ................................... 36V to – 5V
EXTVCC, (BOOST – SW), RUN/SS, VID0-VID4,
PGOOD, FCB Voltages ............................... 7V to – 0.3V
VON, VRNG Voltages ................(INTVCC + 0.3V) to –0.3V
ITH, VFB, VOSENSE Voltages ....................... 2.7V to –0.3V
TG, BG, INTVCC, EXTVCC Peak Currents .................... 2A
TG, BG, INTVCC, EXTVCC RMS Currents .............. 50mA
OPVIN, OP +, OP – ....................................................... 0V to 18V
Operating Ambient Temperature Range
LTC3714EG (Note 2) .......................... – 40
°C to 85°C
Junction Temperature (Note 3) ............................ 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LTC3714EG
TJMAX = 125°C, θJA = 130°C/ W
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
BG
PGND
SENSE
SW
TG
BOOST
VID0
VID1
VID2
RUN/SS
VON
PGOOD
VRNG
ITH
INTVCC
VIN
EXTVCC
VID4
VID3
VOSENSE
VFB
ION
FCB
SGND
OPOUT
OP +
OP
OPVIN
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 15V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
IQ
Input DC Supply Current
Normal
900
2000
µA
Shutdown Supply Current
15
30
µA
VFB
Feedback Reference Voltage
ITH = 1.2V (Note 4)
q
0.594
0.600
0.606
V
∆VFB(LINEREG) Feedback Voltage Line Regulation
VIN = 4V to 30V (Note 4), ITH = 1.2V
0.002
%/V
∆VFB(LOADREG) Feedback Voltage Load Regulation
ITH = 0.5V to 1.9V (Note 4)
q
– 0.05
– 0.3
%
gm(EA)
Error Amplifier Transconductance
ITH = 1.2V (Note 4)
q
1.4
1.7
2
ms
VFCB
Forced Continuous Threshold
q
0.57
0.6
0.63
V
IFCB
Forced Continuous Current
VFCB = 0.6V
–1
– 2
µA
tON
On-Time
ION = 60µA, VON = 1.5V
200
250
300
ns
tON(MIN)
Minimum On-Time
ION = 180µA, VON = 0V
50
100
ns
tOFF(MIN)
Minimum Off-Time
ION = 60µA, VON = 1.5V
250
400
ns
VSENSE(MAX)
Maximum Current Sense Threshold
VRNG = 1V, VFB = 0.56V
q
113
133
153
mV
VRNG = 0V, VFB = 0.56V
q
79
93
107
mV
VRNG = INTVCC, VFB = 0.56V
q
158
186
214
mV
VSENSE(MIN)
Minimum Current Sense Threshold
VRNG = 1V, VFB = 0.64V
– 67
mV
VRNG = 0V, VFB = 0.64V
– 33
mV
VRNG = INTVCC, VFB = 0.64V
– 93
mV
∆VFB(OV)
Output Overvoltage Fault Threshold
7.5
10
12.5
%
∆VFB(UV)
Output Undervoltage Fault Threshold
340
400
460
mV
VRUN/SS(ON)
RUN Pin Start Threshold
q
0.8
1.5
2
V
Consult LTC Marketing for parts specified with wider operating temperature ranges.


Similar Part No. - LTC3714

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3714 LINER-LTC3714_15 Datasheet
343Kb / 28P
   Intel Compatible, Wide Operating Range, Step-Down Controller with Internal Op Amp
More results

Similar Description - LTC3714

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3714 LINER-LTC3714_15 Datasheet
343Kb / 28P
   Intel Compatible, Wide Operating Range, Step-Down Controller with Internal Op Amp
LTC1778 LINER-LTC1778_15 Datasheet
272Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778EGN LINER-LTC1778EGN Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778-1 LINER-LTC1778-1_15 Datasheet
272Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3778 LINER-LTC3778 Datasheet
297Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3778 LINER-LTC3778_15 Datasheet
310Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3879 LINER-LTC3879_15 Datasheet
312Kb / 28P
   Fast, Wide Operating Range No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778 Datasheet
303Kb / 24P
   Wide Operating Range, No RSENSE TM Step-Down Controller
REV A
LT3740 LINER-LT3740_15 Datasheet
244Kb / 20P
   Wide Operating Range, Valley Mode, Synchronous Step-Down Controller
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
   Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com