Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT4430ES6 Datasheet(PDF) 15 Page - Linear Technology

Part # LT4430ES6
Description  Secondary-Side Optocoupler Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4430ES6 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT4430ES6 Datasheet HTML 11Page - Linear Technology LT4430ES6 Datasheet HTML 12Page - Linear Technology LT4430ES6 Datasheet HTML 13Page - Linear Technology LT4430ES6 Datasheet HTML 14Page - Linear Technology LT4430ES6 Datasheet HTML 15Page - Linear Technology LT4430ES6 Datasheet HTML 16Page - Linear Technology LT4430ES6 Datasheet HTML 17Page - Linear Technology LT4430ES6 Datasheet HTML 18Page - Linear Technology LT4430ES6 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT4430
15
4430f
S I FOR ATIO
APPLICATIO
The LT4430’s overshoot control circuitry plus one external
capacitor (COC) provide independent control of startup
and short-circuit recovery response without compro-
mising small-signal frequency compensation. Choosing
the optimum COC value is a straightforward laboratory
procedure. The following description and set of pictures
explain this procedure.
Before choosing a value for the OC pin capacitor, complete
the remainder of the power supply design. This process
includes evaluating the chosen VIN bias generator topology
(please consult prior applications information section)
and optimizing frequency compensation under all normal
operating conditions. During this design phase, set COC
to its minimum value of 100pF. This ensures negligible
interaction from the overshoot control circuitry. Once these
steps are complete, construct a test setup that monitors
startup and short-circuit recovery waveforms. Perform this
testing with the output lightly loaded. Light load, following
full slew operation, is the worst-case as the feedback loop
transitions from full to minimal power delivery.
As an example, refer to the schematic on the last page
illustrating the 5V, 2A isolated flyback converter. All of
the following photos are taken with VIN = 48V and ILD =
20mA. Figure 8a demonstrates the power supply startup
and short-circuit recovery behavior with no overshoot
control compensation (COC = 100pF minimum). The 5V
output overshoots by several volts on both startup and
short-circuit recovery due to the conservative nature of
the small-signal frequency compensation values.
Next, increase COC’s value. Either use a capacitor substitu-
tion box or solder each new value into the circuit. Monitor
the startup and short-circuit recovery waveforms. Note
any changes. Figures 8b to 8e illustrate what happens as
COC increases. In general, overshoot decreases as COC
increases.
COC = 0.0168µF in Figure 8b begins to affect loop dynam-
ics, but startup still exhibits about 1.5V of overshoot.
Short-circuit recovery is considerably more damped. COC
= 0.022µF in Figure 8c damps startup overshoot to 0.5V
and short-circuit recovery remains similar to that of Figure
8b. COC = 0.033µF in Figure 8d provides under 100mV
of overshoot and short-circuit recovery is slightly more
damped. COC = 0.047µF in Figure 8e achieves zero over-
shoot at the expense of additional damping and delay time
in short-circuit recovery. In this example, COC = 0.033µF
provides the best value for both startup and short-circuit
recovery. Figure 8f provides an expanded scale of the
waveforms. After a COC value is selected, check startup
and short-circuit recovery over the VIN supply range and
with higher output load conditions. Modify the value as
necessary.
Startup and short-circuit recovery waveforms for various
designs will differ from the photos shown in this example.
Factors affecting these waveforms include the isolated
topology chosen, the primary-side and secondary-side
bias circuitry and input/output conditions. For instance,
in many isolated power supplies, a winding on the main
power transformer bootstraps the supply voltage for the
primary-side control circuitry. Under short-circuit condi-
tions, the primary-side control circuitry’s supply voltage
collapses, generating a restart cycle. Recovery from
short-circuit is therefore identical to startup. In the flyback
example discussed, the primary-side control circuitry is
always active. Switching never stops in short-circuit. The
LT4430 error amplifier COMP pin changes from its low
clamp level to its higher regulating value during startup
and changes from its high clamp level to its lower regulat-
ing point during short-circuit recovery. This large-signal
behavior explains the observed difference in the startup
versus short-circuit recovery waveforms.
A final point of discussion involves the chosen COC value.
LTC recommends that the designer use a value that con-
trols overshoot to the acceptable level, but is not made
overly large. The temptation arises to use the overshoot
control function as a power supply “soft-start” feature.
Larger values of COC, above what is required to control
overshoot, do result in smaller dV/dt rates and longer
startup times. However, large values of COC may stall the
feedback loop during startup or short-circuit recovery,
resulting in an extended period of time that the output
voltage “flatspots”. This voltage shelf may occur at an
intermediate value of output voltage, promoting anomalous
behavior with the powered load circuitry. If this situation
occurs with the desired COC value, solutions may require
circuit modifications. In particular, bias supply holdup
times are a prime point of concern as switching stops
during these output voltage flatspots. As a reminder,


Similar Part No. - LT4430ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4430ES6 LINER-LT4430ES6 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
More results

Similar Description - LT4430ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
   Secondary-Side Opto-Coupler Driver
logo
ON Semiconductor
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
   Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
logo
Rohm
BD8325FVT-M ROHM-BD8325FVT-M Datasheet
1Mb / 34P
   Built-in Secondary-side Driver
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
ON Semiconductor
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
   Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
logo
Infineon Technologies A...
AUIRS1170S INFINEON-AUIRS1170S Datasheet
1,014Kb / 28P
   automotive qualified smart secondary-side driver
2016-09-03
logo
Linear Technology
LT3804 LINER-LT3804_15 Datasheet
265Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
LT3804 LINER-LT3804 Datasheet
264Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
logo
Maxim Integrated Produc...
MAX17606 MAXIM-MAX17606 Datasheet
507Kb / 12P
   Secondary-Side Synchronous MOSFET Driver for Flyback Converters
Rev 0; 10/15
logo
International Rectifier
IRLH5030PBF IRF-IRLH5030PBF_15 Datasheet
258Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com