Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRP2166 Datasheet(PDF) 4 Page - International Rectifier

Part # IRP2166
Description  PFC & BALLAST CONTROL IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRP2166 Datasheet(HTML) 4 Page - International Rectifier

  IRP2166 Datasheet HTML 1Page - International Rectifier IRP2166 Datasheet HTML 2Page - International Rectifier IRP2166 Datasheet HTML 3Page - International Rectifier IRP2166 Datasheet HTML 4Page - International Rectifier IRP2166 Datasheet HTML 5Page - International Rectifier IRP2166 Datasheet HTML 6Page - International Rectifier IRP2166 Datasheet HTML 7Page - International Rectifier IRP2166 Datasheet HTML 8Page - International Rectifier IRP2166 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
IR2166 & (PbF)
4
www.irf.com
Electrical Characteristics cont.
VCC = VBS = VBIAS = 14V +/- 0.25V, VBUS = Open, RT = 39.0kΩ, RPH = 100kΩ, CT = 470 pF, VCPH = 0.0V, VSD = 0.0V,
VCOMP = 0.0V, VCS = 0.0V, CLO = CHO = 1000pF, TA = 25
oC unless otherwise specified.
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
ICOMP
Error amplifier output current sourcing
5
35
55
VCPH = 14V
SOURCE
VBUS = 3.5V
ICOMP
Error amplifier output current sinking
-62
-30
-12
VCPH = 14V
SINK
VBUS = 4.5V
VCOMPOH Error amplifier output voltage swing
10.5
13.5
14.5
VBUS = 3.0V
(high state)
VCOMPOL Error amplifier output voltage swing
0.25
4
VBUS = 5.0V
(low state)
PFC Error Amplifier Characteristics
V
µA
VBUSOV
Overvoltage comparator threshold
3.8
4.3
4.7
V
VCOMP = 4.0V
VBUSOV
Overvoltage comparator hysterisis
150
300
400
mV
VCOMP = 4V
HYS
VVBUS
VBUS internal reference voltage
3.7
4.0
4.2
V
VCOMP = 4V
REG
PFC DC Bus Regulation
VZX
ZX pin comparator threshold voltage
1.1
1.65
2
V
VCOMP = 4V
VZXhys
ZX pin comparator hysterisis
75
300
800
mV
VCOMP = 4V
VZXclamp ZX pin clamp voltage (high state)
6.3
7.5
9.1
V
IZX = 5mA
PFC Zero Current Detector
RPH Characteristics
IRPHLK
Open circuit RPH pin leakage current
0.1
µA
VRPHFLT Fault-mode RPH pin voltage
0
mV
SD > 5.0V or CS >1.3V
PFC Watch-dog
tWD
Watch-dog pulse interval
90
400
824
µS
ZX = 0V, VCOMP> =2V
Ballast Control Preheat Characteristics
ICPH
CPH pin charging current
2.6
3.2
4.6
µA
VCPH=5V,CT=0V, VBUS=0V
VCPHFLT Fault-mode CPH pin voltage
0
mV
SD > 5.0V or CS >1.3V
Ballast Control Oscillator Characteristics
fosc
Oscillator frequency
39
42
50
Run mode
73
78
84
Preheat mode
d
Oscillator duty cycle
50
%
VCT+
Upper CT ramp voltage threshold
6.8
8.4
10.7
VCT-
Lower CT ramp voltage threshold
1.8
4.6
5.6
VCTFLT
Fault-mode CT lead voltage
0
SD > 5.0V or CS >1.3V
tDLO
LO output deadtime
0.7
1.0
1.5
tDHO
HO output deadtime
0.7
1.0
1.5
V
VCC = 14V
usec
CT = 470pF
kHz


Similar Part No. - IRP2166

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRP22N50A VISHAY-IRP22N50A Datasheet
281Kb / 8P
   Power MOSFET
S-81264-Rev. A, 21-Jul-08
IRP22N50APBF VISHAY-IRP22N50APBF Datasheet
281Kb / 8P
   Power MOSFET
S-81264-Rev. A, 21-Jul-08
logo
CT Micro International ...
IRP2406T14-B50 CTMICRO-IRP2406T14-B50 Datasheet
946Kb / 8P
   SMD Type 940nm Infrared Emitter
IRP2406W14-B10 CTMICRO-IRP2406W14-B10 Datasheet
960Kb / 8P
   SMD Type 940nm Infrared Emitter
More results

Similar Description - IRP2166

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com