Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1370C-167BGI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1370C-167BGI
Description  512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1370C-167BGI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1370C-167BGI Datasheet HTML 1Page - Cypress Semiconductor CY7C1370C-167BGI Datasheet HTML 2Page - Cypress Semiconductor CY7C1370C-167BGI Datasheet HTML 3Page - Cypress Semiconductor CY7C1370C-167BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C1370C-167BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1370C-167BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1370C-167BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1370C-167BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1370C-167BGI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
CY7C1370C
CY7C1372C
Document #: 38-05233 Rev. *D
Page 5 of 27
Pin Configurations (continued)
234
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
E(288)
NC
DQPc
DQc
DQPd
NC
DQd
A
CE1
BWb
CE3
BWc
CEN
A
CE2
DQc
DQd
DQd
MODE
NC
DQc
DQc
DQd
DQd
DQd
E(36)
E(72)
VDDQ
BWd
BWa
CLK
WE
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
NC
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
A0
VSS
TDI
A
A
DQc
VSS
DQc
VSS
DQc
DQc
NC / VDD
VSS
VSS
VSS
VSS
NC
VSS
A1
DQd
DQd
NC
NC
VDDQ
VSS
TMS
89
10
11
NC
A
A
ADV/LD
NC
OE
A
A
E(144)
VSS
VDDQ
NC
DQPb
VDDQ
VDD
DQb
DQb
DQb
NC
DQb
NC
DQa
DQa
VDD
VDDQ
VDD
VDDQ
DQb
VDD
NC
VDD
DQa
VDD
VDDQ
DQa
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
DQa
VDDQ
A
A
VSS
A
A
A
DQb
DQb
DQb
ZZ
DQa
DQa
DQPa
DQa
A
VDDQ
A
2
3
4
567
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
E(288)
NC
NC
NC
DQPb
NC
DQb
A
CE1
NC
CE3
BWb
CEN
A
CE2
NC
DQb
DQb
MODE
NC
DQb
DQb
NC
NC
NC
E(36)
E(72)
VDDQ
NC
BWa
CLK
WE
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
NC
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
A0
VSS
TDI
A
A
DQb
VSS
NC
VSS
DQb
NC
NC / VDD
VSS
VSS
VSS
VSS
NC
VSS
A1
DQb
NC
NC
NC
VDDQ
VSS
TMS
89
10
11
NC
A
A
ADV/LD
A
OE
A
A
E(144)
VSS
VDDQ
NC
DQPa
VDDQ
VDD
NC
DQa
DQa
NC
NC
NC
DQa
NC
VDD
VDDQ
VDD
VDDQ
DQa
VDD
NC
VDD
NC
VDD
VDDQ
DQa
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
NC
VDDQ
A
A
VSS
A
A
A
DQa
NC
NC
ZZ
DQa
NC
NC
DQa
A
VDDQ
A
CY7C1372C (1M × 18) – 13 × 15 fBGA
CY7C1370C (512K × 36) – 13 × 15 fBGA
165-Ball fBGA Pinout


Similar Part No. - CY7C1370C-167BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370CV25-167AC CYPRESS-CY7C1370CV25-167AC Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370CV25-167AI CYPRESS-CY7C1370CV25-167AI Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370CV25-167BGC CYPRESS-CY7C1370CV25-167BGC Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370CV25-167BGI CYPRESS-CY7C1370CV25-167BGI Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1370C-167BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1372BV25 CYPRESS-CY7C1372BV25 Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D Datasheet
344Kb / 30P
   18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33 Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com