Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS880Z36AT-225 Datasheet(PDF) 7 Page - GSI Technology

Part # GS880Z36AT-225
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880Z36AT-225 Datasheet(HTML) 7 Page - GSI Technology

Back Button GS880Z36AT-225 Datasheet HTML 3Page - GSI Technology GS880Z36AT-225 Datasheet HTML 4Page - GSI Technology GS880Z36AT-225 Datasheet HTML 5Page - GSI Technology GS880Z36AT-225 Datasheet HTML 6Page - GSI Technology GS880Z36AT-225 Datasheet HTML 7Page - GSI Technology GS880Z36AT-225 Datasheet HTML 8Page - GSI Technology GS880Z36AT-225 Datasheet HTML 9Page - GSI Technology GS880Z36AT-225 Datasheet HTML 10Page - GSI Technology GS880Z36AT-225 Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Rev: 1.02 9/2002
7/25
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS880Z18/36AT-250/225/200/166/150/133
Synchronous Truth Table
Operation
Type Address E1 E2 E3 ZZ ADV W Bx G CKE CK
DQ
Notes
Deselect Cycle, Power Down
D
None
H
X
X
L
L
X
X
X
L
L-H High-Z
Deselect Cycle, Power Down
D
None
X
X
H
L
L
X
X
X
L
L-H High-Z
Deselect Cycle, Power Down
D
None
X
L
X
L
L
X
X
X
L
L-H High-Z
Deselect Cycle, Continue
D
None
X
X
X
L
H
X
X
X
L
L-H High-Z
1
Read Cycle, Begin Burst
R
External
L
H
L
L
L
H
X
L
L
L-H
Q
Read Cycle, Continue Burst
B
Next
X
X
X
L
H
X
X
L
L
L-H
Q
1,10
NOP/Read, Begin Burst
R
External
L
H
L
L
L
H
X
H
L
L-H High-Z
2
Dummy Read, Continue Burst
B
Next
X
X
X
L
H
X
X
H
L
L-H High-Z
1,2,10
Write Cycle, Begin Burst
W
External
L
H
L
L
L
L
L
X
L
L-H
D
3
Write Cycle, Continue Burst
B
Next
X
X
X
L
H
X
L
X
L
L-H
D
1,3,10
NOP/Write Abort, Begin Burst
W
None
L
H
L
L
L
L
H
X
L
L-H High-Z
2,3
Write Abort, Continue Burst
B
Next
X
X
X
L
H
X
H
X
L
L-H High-Z 1,2,3,10
Clock Edge Ignore, Stall
Current
X
X
X
L
X
X
X
X
H
L-H
-
4
Sleep Mode
None
X
X
X
H
X
X
X
X
X
X
High-Z
Notes:
1. Continue Burst cycles, whether read or write, use the same control inputs. A Deselect continue cycle can only be entered into if a Dese-
lect cycle is executed first.
2. Dummy Read and Write abort can be considered NOPs because the SRAM performs no operation. A Write abort occurs when the W
pin is sampled low but no Byte Write pins are active so no write operation is performed.
3. G can be wired low to minimize the number of control signals provided to the SRAM. Output drivers will automatically turn off during
write cycles.
4. If CKE High occurs during a pipelined read cycle, the DQ bus will remain active (Low Z). If CKE High occurs during a write cycle, the bus
will remain in High Z.
5.
X = Don’t Care; H = Logic High; L = Logic Low; Bx = High = All Byte Write signals are high; Bx = Low = One or more Byte/Write
signals are Low
6. All inputs, except G and ZZ must meet setup and hold times of rising clock edge.
7. Wait states can be inserted by setting CKE high.
8. This device contains circuitry that ensures all outputs are in High Z during power-up.
9. A 2-bit burst counter is incorporated.
10. The address counter is incriminated for all Burst continue cycles.


Similar Part No. - GS880Z36AT-225

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880Z36BGT-150 GSI-GS880Z36BGT-150 Datasheet
591Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z36BGT-150I GSI-GS880Z36BGT-150I Datasheet
591Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z36BGT-150IV GSI-GS880Z36BGT-150IV Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z36BGT-150V GSI-GS880Z36BGT-150V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z36BGT-200 GSI-GS880Z36BGT-200 Datasheet
591Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS880Z36AT-225

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z18B GSI-GS881Z18B Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18-V GSI-GS880Z18-V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-V GSI-GS882Z18BB-V Datasheet
1Mb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882ZV18BB GSI-GS882ZV18BB Datasheet
881Kb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880ZV18BT GSI-GS880ZV18BT Datasheet
573Kb / 23P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18B GSI-GS882Z18B Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18BT GSI-GS880Z18BT Datasheet
591Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18AT GSI-GS881Z18AT Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18BT-V GSI-GS881Z18BT-V Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18AB GSI-GS882Z18AB Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com