Electronic Components Datasheet Search |
|
FPF2103 Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
FPF2103 Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 12 page 3 www.fairchildsemi.com FPF2100-FPF2107 Rev. D2 Absolute Maximum Ratings Recommended Operating Range Electrical Characteristics VIN = 1.8to 5.5V, TA = -40 to +85°C unless otherwise noted. Typicalvalues are at VIN =3.3V and TA = 25°C. Parameter Min. Max. Unit VIN, VOUT, ON, FLAGB to GND -0.3 6 V Power Dissipation @ TA = 25°C (note 1) 667 mW Operating Junction Temperature -40 125 °C Storage Temperature -65 150 °C Thermal Resistance, Junction to Ambient 150 °C/W Electrostatic Discharge Protection HBM 4000 V MM 400 V Parameter Min. Max. Unit VIN 1.8 5.5 V Ambient Operating Temperature, TA -40 85 °C Parameter Symbol Conditions Min. Typ. Max Units Basic Operation Operating Voltage VIN 1.8 5.5 V Quiescent Current IQ IOUT = 0mA VIN = 1.8 to 3.3V 95 A Von active VIN = 3.3 to 5.5V 110 200 Shutdown Current ISHDN 1 A Latch-Off Current (note 2) ILATCHOFF VON = VIN, after an overcurrent fault 50 A On-Resistance RON TA = 25°C, IOUT = 50mA 125 160 m TA = -40 to +85°C, IOUT = 50mA 150 ON Input Logic High Voltage VIH VIN = 1.8V 0.75 V VIN = 5.5V 1.30 ON Input Logic Low Voltage VIL VIN = 1.8V 0.5 V VIN = 5.5V 1.0 ON Input Leakage VON = VIN or GND 1 A Off Switch Leakage ISWOFF VON = 0V, VOUT = 0V 1 A FLAGB Output Logic Low Voltage VIN = 5V, ISINK = 10mA 0.1 0.2 V VIN = 1.8V, ISINK = 10mA 0.15 0.3 FLAGB Output High Leakage Current VIN = 5V, Switch on 1 A Protections Current Limit ILIM VIN = 3.3V, VOUT = 3.0V FPF2100, FPF2101, FPF2102, FPF2103 200 300 400 mA FPF2104, FPF2105, FPF2106, FPF2107 400 600 800 Thermal Shutdown Shutdown Threshold 140 °C Return from Shutdown 130 Hysteresis 10 |
Similar Part No. - FPF2103 |
|
Similar Description - FPF2103 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |