Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2219 Datasheet(PDF) 1 Page - Microsemi Corporation

Part No. 2N2219
Description  NPN SWITCHING SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

   
 1 page
background image
TECHNICAL DATA
NPN SWITCHING SILICON TRANSISTOR
Qualified per MIL-PRF-19500/251
Devices
Qualified Level
2N2218
2N2218A
2N2218AL
2N2219
2N2219A
2N2219AL
JAN
JANTX
JANTXV
JANS
MAXIMUM RATINGS
Ratings
Symbol
2N2218
2N2219
2N2218A; L
2N2219A; L
Unit
Collector-Emitter Voltage
VCEO
30
50
Vdc
Collector-Base Voltage
VCBO
60
75
Vdc
Emitter-Base Voltage
VEBO
5.0
6.0
Vdc
Collector Current
IC
800
mAdc
Total Power Dissipation
@ TA = +25
0C(1)
@ TC = +25
0C(2)
PT
0.8
3.0
W
W
Operating & Storage Junction Temp. Range
Top, Tstg
-55 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
59
0C/W
1) Derate linearly 4.6 mW/
0C above TA > +250C
2) Derate linearly 17.0 mW/
0C above TC > +250C
TO- 39* (TO-205AD)
2N2218, 2N2218A
2N2219, 2N2219A
TO-5*
2N2218AL,
2N2219AL
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IE = 10 mAdc
2N2218; 2N2219
2N2218A; L; 2N2219A; L
V(BR)CEO
30
50
Vdc
Emitter-Base Cutoff Current
VEB = 5.0 Vdc
2N2218; 2N2219
VEB = 6.0 Vdc
2N2218A; L; 2N2219A; L
VEB = 4.0 Vdc
All Types
IEBO
10
10
10
µAdc
ηAdc
Collector-Base Cutoff Current
VCE = 30 Vdc
2N2218; 2N2219
VCE = 50 Vdc
2N2218A; L; 2N2219A; L
ICES
10
10
ηAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPA1478NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE 1 2 3 4 5 MoreNEC
BC846NPN Silicon Transistor General purpose application Switching application 1 2 3 AUK corp
SMBT3904NPN Silicon Switching Transistor 1 2 3 4 5 MoreInfineon Technologies AG
JAN2N697NPN MEDIUM POWER SILICON SWITCHING TRANSISTOR 1 2 3 Microsemi Corporation
FCX1047ANPN SILICON POWER SWITCHING TRANSISTOR 1 2 3 Zetex Semiconductors
2SC4814NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING 1 2 3 4 5 MoreNEC
CE1N2Ron-chip resistor NPN silicon epitaxial transistor For mid-speed switching 1 2 3 4 NEC
BUF7216Silicon NPN High Voltage Switching Transistor 1 2 3 4 5 MoreVishay Siliconix
FC132NPN Epitaxial Planar Silicon Composite Transistor Switching Applications with Bias Resistance 1 2 Sanyo Semicon Device
2N3903NPN Silicon Expitaxial Planar Transistor for switching and amplifier applications 1 2 3 Semtech Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl