Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F002AT-55JIP Datasheet(PDF) 9 Page - Eon Silicon Solution Inc.

Part # EN29F002AT-55JIP
Description  2 Megabit (256K x 8-bit) Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F002AT-55JIP Datasheet(HTML) 9 Page - Eon Silicon Solution Inc.

Back Button EN29F002AT-55JIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29F002AT-55JIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29F002AT-55JIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F002AT-55JIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F002AT-55JIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29F002AT-55JIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29F002AT-55JIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29F002AT-55JIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29F002AT-55JIP Datasheet HTML 13Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
9
EN29F002A / EN29F002AN
Rev. A, Issue Date: 2003/03/26
to do anything else after that, except check to see if the operation has completed. The Auto Chip
Erase algorithm automatically programs and verifies the entire memory array for an all “0” pattern
prior to the erase. Then the EN29F002A will automatically time the erase pulse width, verify the
erase, return the sequence count, provide a erase status through DATA POLLING (data on DQ7 is
“0” during the operation and “1” when completed, provided the status is not read from a protected
sector), and returns to the READ mode after completion of Chip Erase.
Sector Erase Command
Sector Erase requires six bus cycles: two unlock write cycles, a setup command, two additional
unlock write cycles, and the Sector Erase command. Any sector may be erased by latching any
address within the desired sector on the falling edge of WE while the Erase Command (30H) is
latched on the rising edge of WE . This device does not support multiple sector erase commands.
Sector Erase operation will commence immediately after the first 30h command is written. The first
sector erase operation must finish before another sector erase command can be given.
The EN29F002A device automatically programs and verifies all memory locations in the selected
sector for an all “0” pattern prior to the erase. Unselected sectors are unaffected by the Sector
Erase command.
The EN29F002A requires no timing signals during sector erase.
Erase is
completed when data on DQ7 becomes “1”, and the device returns to the READ mode after
completion of Sector Erase.
Erase Suspend / Resume Command
Erase suspend allows interruption of sector erase operations to perform data reads from sector not
being erased. Erase suspend applies only to Sector Erase operations.
EN29F002A ignores any commands during erase suspend other than the assertion of the
RESET
pin (n/a for EN29F002AN) or Erase Resume commands. Writing erase resume continues erase
operations.
Addresses are DON’T CARE when writing Erase Suspend or Erase Resume
commands.
EN29F002A takes 0.1 - 15
µs to suspend erase operations after receiving Erase Suspend command.
Check completion of erase suspend by polling DQ7 and/or DQ6. EN29F002A ignores redundant
writes of erase suspend command.
EN29F0002 defaults to erase-suspend-read mode while an erase operation has been suspended.
While in erase-suspend-read mode, EN29F002A allows reading data in any sector not undergoing
sector erase, which is treated as standard read mode.
Write the Resume command 30h to continue operation of Sector erase. EN29F002A ignores
redundant writes of the Resume command.
EN29F002A permits multiple suspend/resume
operations during sector erase.
Sector Protect and Unprotect
The hardware sector protection feature disables both program and erase operations in any sector.
The hardware sector unprotection feature re-enables both program and erase operation in
previously protected sectors.
Sector protection/unprotection must be implemented using programming equipment. The procedure
requires a high voltage (VID) on address pin A9 and the control pins. Contact Eon Silicon Solution,
Inc. for an additional supplement on this feature.


Similar Part No. - EN29F002AT-55JIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45J ETC-EN29F002B-45J Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45JI ETC-EN29F002B-45JI Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45P ETC-EN29F002B-45P Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45PI ETC-EN29F002B-45PI Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F002AT-55JIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002N ETC-EN29F002N Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com