Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM7314K Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM7314K
Description  N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM7314K Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM7314K Datasheet HTML 1Page - Anpec Electronics Coropration APM7314K Datasheet HTML 2Page - Anpec Electronics Coropration APM7314K Datasheet HTML 3Page - Anpec Electronics Coropration APM7314K Datasheet HTML 4Page - Anpec Electronics Coropration APM7314K Datasheet HTML 5Page - Anpec Electronics Coropration APM7314K Datasheet HTML 6Page - Anpec Electronics Coropration APM7314K Datasheet HTML 7Page - Anpec Electronics Coropration APM7314K Datasheet HTML 8Page - Anpec Electronics Coropration APM7314K Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.2 - Mar., 2002
www.anpec.com.tw
3
APM7314
Notes
a
: Pulse test ; pulse width
≤300µs, duty cycle ≤ 2%
b
: Guaranteed by design, not subject to production testing
Electrical Characteristics Cont. (T
A = 25°C unless otherwise noted)
APM7314
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Dynamicb
Q
g
Total Gate Charge
15
20
Q
gs
Gate-Source Charge
5.8
Q
gd
Gate-Drain Charge
V
DS=15V , IDS= 10A
V
GS=5V ,
3.8
nC
t
d(ON)
Turn-on Delay Time
11
18
T
r
Turn-on Rise Time
17
26
t
d(OFF)
Turn-off Delay Time
37
54
T
f
Turn-off Fall Time
V
DD=15V , IDS=2A ,
V
GEN=10V , RG=6
20
30
ns
C
iss
Input Capacitance
1200
C
oss
Output Capacitance
220
C
rss
Reverse Transfer Capacitance
V
GS=0V
V
DS=15V
Frequency=1.0MHz
100
pF


Similar Part No. - APM7314K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
APM7312K ANPEC-APM7312K Datasheet
119Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
APM7312KC-TR ANPEC-APM7312KC-TR Datasheet
119Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
APM7312KC-TR ANPEC-APM7312KC-TR Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
APM7312KC-TRL ANPEC-APM7312KC-TRL Datasheet
119Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
More results

Similar Description - APM7314K

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com