Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F002AB-55PIP Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part # EN29F002AB-55PIP
Description  2 Megabit (256K x 8-bit) Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F002AB-55PIP Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Back Button EN29F002AB-55PIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29F002AB-55PIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29F002AB-55PIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29F002AB-55PIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29F002AB-55PIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29F002AB-55PIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F002AB-55PIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F002AB-55PIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29F002AB-55PIP Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
6
EN29F002A / EN29F002AN
Rev. A, Issue Date: 2003/03/26
USER MODE DEFINITIONS
Reset Mode
EN29F002A features a Reset mode that resets the program and erase operation immediately to
read mode. If reset (RESET = L) is executed when program or erase operation were in progress, the
program or erase which was terminated should be repeated since data will be corrupted. This pin is
not available for EN29F002AN.
Standby Mode
The EN29F002A / EN29F002AN has a CMOS-compatible standby mode which reduces the current
to
< 1µA (typical). It is placed in CMOS-compatible standby when CE and the RESET pins are at
VCC ± 0.5 V ( CE pin only, for EN29F002AN). The device also has a TTL-compatible standby mode
which reduces the maximum VCC current to < 1mA. It is placed in TTL-compatible standby when CE
and RESET pins are at VIH.
Another method of entering standby mode uses only the RESET pin
(n/a for EN29F002AN). When RESET pin is at VSS ± 0.3V, the device enters CMOS-compatible
standby with current typically reduced to
< 1 µA. When RESET pin is at VIL, the device enters TTL-
compatible standby with current reduced to
< 1mA. When in standby modes, the outputs are in a
high-impedance state independent of the OE input.
Read Mode
The EN29F002A / EN29F002AN has two control functions which must be satisfied in order to obtain
data at the outputs. Chip Enable ( CE ) is the power control and should be used for device selection.
Output Enable ( OE ) is the output control and should be used to gate data to the output pins,
provided the device is selected. Read is selected when both CE and OE pins are held at VIL with
the WE pin held at VIH. Address access time (tACC) is equal to the delay from stable addresses to
valid output data. Assuming that addresses are stable, chip enable access time (tCE) is equal to the
delay from stable CE to valid data at output pins. Data is available at the outputs after output
enable access time (tOE) from the falling edge of OE , assuming the CE has been LOW and
addresses have been stable for at least tACC - tOE.
Output Disable Mode
When the CE or OE pin is at a logic high level (VIH), the output from the EN29F002A /
EN29F002AN is disabled. The output pins are placed in a high impedance state.
Auto Select Identification Mode
The manufacturer and device type can be identified by hardware or software operations. This mode
allows applications or programming equipment automatically matching the device with its
corresponding interface characteristics.
To activate the Auto Select Identification mode, the programming equipment must force 11.0 V
±
0.5V on address line A9 of the EN29F002AT/B. Two identifier bytes can then be sequenced from the
device outputs by toggling address lines A0 and A8 from VIL to VIH.
The manufacturer and device identification may also be read via the command register. By following
the command sequence referenced in the Command Definition Table (Table 5). This method is
desirable for in-system identification (using only + 5.0V).
When A0 = A1 = A6 = VIL and by toggling A8 from VIL to VIH, the Manufacturer ID can be read as Eon
= 7F, 1C (hex) to identify EON . When A0 = VIH, A1 = A6 = VIL, and by toggling A8 from VIL to VIH,


Similar Part No. - EN29F002AB-55PIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45J ETC-EN29F002B-45J Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45JI ETC-EN29F002B-45JI Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45P ETC-EN29F002B-45P Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45PI ETC-EN29F002B-45PI Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F002AB-55PIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002N ETC-EN29F002N Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com