Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3965 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 3965
Description  DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3965 Datasheet(HTML) 7 Page - Allegro MicroSystems

  3965 Datasheet HTML 1Page - Allegro MicroSystems 3965 Datasheet HTML 2Page - Allegro MicroSystems 3965 Datasheet HTML 3Page - Allegro MicroSystems 3965 Datasheet HTML 4Page - Allegro MicroSystems 3965 Datasheet HTML 5Page - Allegro MicroSystems 3965 Datasheet HTML 6Page - Allegro MicroSystems 3965 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
3965 DMOS Dual Full Bridge
PWM Motor Driver
7
Terminal List
Pin Name
Pin Description
SOIC 24
VREG
Regulator decoupling Terminal
1
RC
Analog Input for fixed frequency
2
SLEEP
Logic input for SLEEP mode
3
VDD
Logic Supply Voltage
4
OUT1B
DMOS H – Bridge 1 Output B
5
GND
Ground
6,7
SENSE1
Sense Resistor Terminal for Bridge 2
8
OUT1A
DMOS H – Bridge 1 Output A
9
ENABLE1
Logic Input for Bridge 1 Enable Control
10
PHASE1
Logic Input for Bridge 1 PHASE Control
11
REF1
Gm Reference Input Voltage Bridge 2
12
REF2
Gm Reference Input Voltage Bridge 1
13
PHASE2
Logic Input for Bridge 2 PHASE Control
14
ENABLE2
Logic Input for Bridge 2 Enable Control
15
OUT2B
DMOS H – Bridge 2 Output B
16
SENSE2
Sense Resistor Terminal for Bridge 1
17
GND
Ground
18,19
OUT2A
DMOS H – Bridge 2 Output A
20
VCP
Reservoir Capacitor Terminal
21
CP2
Charge Pump Capacitor Terminal
22
CP1
Charge Pump Capacitor Terminal
23
VBB
Load Supply
24


Similar Part No. - 3965

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3965S-1.2 ETC1-3965S-1.2 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
3965S-1.8 ETC1-3965S-1.8 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
3965S-2.5 ETC1-3965S-2.5 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
3965S-3.3 ETC1-3965S-3.3 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
3965S-5.0 ETC1-3965S-5.0 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
More results

Similar Description - 3965

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3974 ALLEGRO-A3974 Datasheet
470Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
A3965 ALLEGRO-A3965 Datasheet
390Kb / 8P
   DMOS Dual Full-Bridge PWM Motor Driver
November 1, 2004
A3995 ALLEGRO-A3995 Datasheet
939Kb / 9P
   DMOS Dual Full Bridge PWM Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com