Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F002AB-70JCP Datasheet(PDF) 2 Page - Eon Silicon Solution Inc.

Part # EN29F002AB-70JCP
Description  2 Megabit (256K x 8-bit) Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F002AB-70JCP Datasheet(HTML) 2 Page - Eon Silicon Solution Inc.

  EN29F002AB-70JCP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29F002AB-70JCP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29F002AB-70JCP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29F002AB-70JCP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29F002AB-70JCP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29F002AB-70JCP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29F002AB-70JCP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F002AB-70JCP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F002AB-70JCP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
2
EN29F002A / EN29F002AN
Rev. A, Issue Date: 2003/03/26
TABLE 1. PIN DESCRIPTION
FIGURE 1. LOGIC DIAGRAM
Pin Name
Function
A0-A17
Addresses
DQ0-DQ7
Data Input/Outputs
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
(n/a for
EN29F002AN)
Hardware Reset
Sector Unprotect
Vcc
Supply Voltage
(5V
± 10% )
Vss
Ground
TABLE 2. BLOCK ARCHITECTURE
TOP BOOT BLOCK
BOTTOM BOOT BLOCK
SECTOR
ADDRESSES
SIZE (Kbytes)
ADDRESSES
SIZE (Kbytes)
6
3C000h - 3FFFFh
16
30000h - 3FFFFh
64
5
3A000h - 3BFFFh
8
20000h - 2FFFFh
64
4
38000h - 39FFFh
8
10000h - 1FFFFh
64
3
30000h - 37FFFh
32
08000h - 0FFFFh
32
2
20000h - 2FFFFh
64
06000h - 07FFFh
8
1
10000h - 1FFFFh
64
04000h - 05FFFh
8
0
00000h - 0FFFFh
64
00000h - 03FFFh
16
EN29F002AT/B
8
DQ0 - DQ7
A0 - A17
18
Vcc
WE
CE
OE
RESET
Vss
N/A on EN29F002AN


Similar Part No. - EN29F002AB-70JCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45J ETC-EN29F002B-45J Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45JI ETC-EN29F002B-45JI Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45P ETC-EN29F002B-45P Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45PI ETC-EN29F002B-45PI Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F002AB-70JCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002N ETC-EN29F002N Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com