Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP-MKT4-173250-S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WP-MKT4-173250-S
Description  FM Narrow Band VHF Transmitter Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WP-MKT4-173250-S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WP-MKT4-173250-S Datasheet HTML 1Page - List of Unclassifed Manufacturers WP-MKT4-173250-S Datasheet HTML 2Page - List of Unclassifed Manufacturers WP-MKT4-173250-S Datasheet HTML 3Page - List of Unclassifed Manufacturers WP-MKT4-173250-S Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FM Narrow Band VHF Transmitter Module
WP-MKT4
Page 4 of 4
BlueTooth
GSM Engine GPS Engine Radio Modules Data Radio RF Remote
Video TX/RX
Antennas Security Point to Point Point to Multi Point Radio Dect engine
Synthesised multi-channel
Xplore PC Embedded-WEB Paging RTU IQ SMS
Mechanical Dimensions
MKT4 VHF
Transmitter
1
2
5
4
3
pin spacing 2.54mm
40mm
13mm
22mm
8mm
Figure 3: MKT4 FM Transmitter
Ordering Information
Standard Product;
Part No
Description
WP-MKT4-173,225-X
Transmitter 173,225 MHz
WP-MKT4-173,250-X
Transmitter 173,250 MHz
Note: X= S or D refers to SIL or DIL pin outs.
Please consult our sales department for further information.
MKT4 VHF
Transmitter
5
4
3
1
2
Top View
40.5mm
13mm
4mm
8mm
pin spacing 2.54mm


Similar Part No. - WP-MKT4-173250-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WP-MK-X2010-075 ETC1-WP-MK-X2010-075 Datasheet
163Kb / 7P
   High Integrity FM Transceiver
WP-MK-X2010-40 ETC1-WP-MK-X2010-40 Datasheet
163Kb / 7P
   High Integrity FM Transceiver
WP-MK-X2010-434 ETC1-WP-MK-X2010-434 Datasheet
243Kb / 7P
   High Integrity FM Transceiver
WP-MK-X2010-434 ETC1-WP-MK-X2010-434 Datasheet
163Kb / 7P
   High Integrity FM Transceiver
WP-MK-X2010-5 ETC1-WP-MK-X2010-5 Datasheet
163Kb / 7P
   High Integrity FM Transceiver
More results

Similar Description - WP-MKT4-173250-S

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
TX1 RADIOMETRIX-TX1 Datasheet
2Mb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1-173.225-10 RADIOMETRIX-TX1-173.225-10 Datasheet
647Kb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
   869MHz Narrow Band FM Transmitter
BIM1H RADIOMETRIX-BIM1H Datasheet
243Kb / 11P
   VHF Narrow Band FM 500mW transceiver
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com