Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F002AT-55JCP Datasheet(PDF) 10 Page - Eon Silicon Solution Inc.

Part # EN29F002AT-55JCP
Description  2 Megabit (256K x 8-bit) Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F002AT-55JCP Datasheet(HTML) 10 Page - Eon Silicon Solution Inc.

Back Button EN29F002AT-55JCP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29F002AT-55JCP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F002AT-55JCP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F002AT-55JCP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29F002AT-55JCP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29F002AT-55JCP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29F002AT-55JCP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29F002AT-55JCP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29F002AT-55JCP Datasheet HTML 14Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
10
EN29F002A / EN29F002AN
Rev. A, Issue Date: 2003/03/26
WRITE OPERATION STATUS
DQ7
DATA Polling
The EN29F002A provides DATA Polling on DQ7 to indicate to the host system the status of the
embedded operations. The DATA Polling feature is active during the Byte Programming, Sector
Erase, Chip Erase, Erase Suspend. (See Table 6)
When the Byte Programming is in progress, an attempt to read the device will produce the
complement of the data last written to DQ7. Upon the completion of the Byte Programming, an
attempt to read the device will produce the true data last written to DQ7. For the Byte Programming,
DATA polling is valid after the rising edge of the fourth WE or CE pulse in the four-cycle sequence.
When the embedded Erase is in progress, an attempt to read the device will produce a “0” at the
DQ7 output. Upon the completion of the embedded Erase, the device will produce the “1” at the DQ7
output during the read. For Chip Erase, the DATA polling is valid after the rising edge of the sixth
WE or
CE pulse in the six-cycle sequence. For Sector Erase, DATA polling is valid after the last
rising edge of the sector erase WE or CE pulse.
DATA Polling must be performed at any address within a sector that is being programmed or
erased and not a protected sector. Otherwise, DATA polling may give an inaccurate result if the
address used is in a protected sector.
Just prior to the completion of the embedded operations, DQ7 may change asynchronously when
the output enable ( OE ) is low. This means that the device is driving status information on DQ7 at
one instant of time and valid data at the next instant of time. Depending on when the system
samples the DQ7 output, it may read the status of valid data. Even if the device has completed the
embedded operations and DQ7 has a valid data, the data output on DQ0-DQ6 may be still invalid.
The valid data on DQ0-DQ7 will be read on the subsequent read attempts.
The flowchart for DATA Polling (DQ7) is shown on Flowchart 5. The DATA Polling (DQ7) timing
diagram is shown in Figure 8.
DQ6
Toggle Bit I
The EN29F002A provides a “Toggle Bit” on DQ6 to indicate to the host system the status of the
embedded programming and erase operations. (See Table 6)
During an embedded Program or Erase operation, successive attempts to read data from the device
at any address (by toggling OE or CE) will result in DQ6 toggling between “zero” and “one”. Once
the embedded Program or Erase operation is complete, DQ6 will stop toggling and valid data will be
read on the next successive attempts. During Byte Programming, the Toggle Bit is valid after the
rising edge of the fourth WE pulse in the four-cycle sequence. For Chip Erase, the Toggle Bit is
valid after the rising edge of the sixth-cycle sequence. For Sector Erase, the Toggle Bit is valid after
the last rising edge of the Sector Erase Command (30h) WE pulse.
In Byte Programming, if the sector being written to is protected, DQ6 will toggle for about
2
µs, then stop toggling without the data in the sector having changed. In Sector Erase or Chip
Erase, if all selected sectors are protected, DQ6 will toggle for about 100
µs. The chip will then
return to the read mode without changing data in all protected sectors.
Toggling either
CE or OE will cause DQ6 to toggle.


Similar Part No. - EN29F002AT-55JCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45J ETC-EN29F002B-45J Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45JI ETC-EN29F002B-45JI Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45P ETC-EN29F002B-45P Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002B-45PI ETC-EN29F002B-45PI Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F002AT-55JCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002N ETC-EN29F002N Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com