Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W65C816S Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # W65C816S
Description  Microprocessor
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

W65C816S Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button W65C816S Datasheet HTML 5Page - List of Unclassifed Manufacturers W65C816S Datasheet HTML 6Page - List of Unclassifed Manufacturers W65C816S Datasheet HTML 7Page - List of Unclassifed Manufacturers W65C816S Datasheet HTML 8Page - List of Unclassifed Manufacturers W65C816S Datasheet HTML 9Page - List of Unclassifed Manufacturers W65C816S Datasheet HTML 10Page - List of Unclassifed Manufacturers W65C816S Datasheet HTML 11Page - List of Unclassifed Manufacturers W65C816S Datasheet HTML 12Page - List of Unclassifed Manufacturers W65C816S Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
The Western Design Center, Inc.
W65C816S Data Sheet
The Western Design Center
W65C816S
9
2.6
Data Bank Register (DBR)
During modes of operation, the 8-bit Data Bank Register (DBR) holds the bank address for memory transfers.
The 24-bit address is composed of the 16-bit instruction effective address and the 8-bit Data Bank address. The
register value is multiplexed with the data value and is present on the Data/Address lines during the first half of a
data transfer memory cycle for the W65C816S. The Data Bank Register is initialized to zero during Reset.
2.7
Direct (D)
The 16-bit Direct Register (D) provides an address offset for all instructions using direct addressing. The effective
Direct Address is formed by adding the 8-bit instruction Direct Address field to the Direct Register. The Direct
Register is initialized to zero during Reset. The bank address for Direct Addressing is always zero
2.8
Index (X and Y)
There are two general purpose registers that are commonly referred to as Index Registers (X and Y) and are
frequently used as an index value for calculation of the effective address. When executing an instruction with
indexed addressing, the microprocessor fetches the OpCode and the base address, and then modifies the address
by adding an Index Register contents to the address prior to performing the desired operation. Pre-indexing or
post-indexing of indirect addresses may be selected. In the Native mode (E=0), both Index Registers are 16 bits
wide where the Index Select Bit (X) of the Processor Status (P) register equals zero. If the Index Select Bit (X)
equals one, both registers will be 8 bits wide, and the high byte is forced to zero.
2.9
Processor Status Register (P)
The 8-bit Processor Status Register (P) contains status flags and mode select bits. The Carry (C), Negative (N),
Overflow (V), and Zero (Z) status flags serve to report the status of most ALU operations. These status flags are
tested by use of Conditional Branch instructions. The Decimal (D), IRQ Disable (I), Memory/Accumulator (M),
and Index (X) bits are used as mode select flags. These flags are set by the program to change microprocessor
operations.
The Emulation (E) select and the Break (B) flags are accessible only through the Processor Status Register. The
Emulation mode select flag is selected by the Exchange Carry and Emulation Bits (XCE) instruction. Table 8-1,
W65C816S Compatibility Information, illustrates the features of the Native (E=0) and Emulation (E=1) modes.
The M and X flags are always equal to one in Emulation mode. When an interrupt occurs during Emulation mode,
the Break flag is written to stack memory as bit 4 of the Processor Status Register.
2.10 Program Bank Register (PBR)
The 8-bit Program Bank Register (PBR) holds the bank address for all instruction fetches. The 24-bit address
consists of the 16-bit instruction effective address and the 8-bit Program Bank address. The register value is
multiplexed with the data bus and presented on the Data bus lines during the first half of a program memory cycle.
The Program Bank Register is initialized to zero during Reset. The PHK instruction pushes the PBR register onto
the Stack.


Similar Part No. - W65C816S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W65C02S ETC-W65C02S Datasheet
1,011Kb / 40P
   Microprocessor
W65C02S6P-14 ETC-W65C02S6P-14 Datasheet
1,011Kb / 40P
   Microprocessor
W65C02S6PL-14 ETC-W65C02S6PL-14 Datasheet
1,011Kb / 40P
   Microprocessor
W65C02S6Q-14 ETC-W65C02S6Q-14 Datasheet
1,011Kb / 40P
   Microprocessor
W65C02S6TPG-14 ETC-W65C02S6TPG-14 Datasheet
1,011Kb / 40P
   Microprocessor
More results

Similar Description - W65C816S

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z380 ZILOG-Z380 Datasheet
630Kb / 115P
   MICROPROCESSOR
logo
LSI Computer Systems
LR4102 LSI-LR4102 Datasheet
328Kb / 32P
   Microprocessor
logo
Texas Instruments
AM1808 TI1-AM1808_14 Datasheet
1Mb / 265P
[Old version datasheet]   Microprocessor
logo
Analog Devices
AD667 AD-AD667_17 Datasheet
600Kb / 6P
   MICROPROCESSOR
logo
Intel Corporation
21285 INTEL-21285 Datasheet
962Kb / 159P
   Microprocessor
logo
Freescale Semiconductor...
MCF54455 FREESCALE-MCF54455 Datasheet
930Kb / 46P
   Microprocessor
logo
Texas Instruments
AM1707 TI1-AM1707_14 Datasheet
1Mb / 201P
[Old version datasheet]   Microprocessor
logo
Toshiba Semiconductor
TMPZ84C015BF-10 TOSHIBA-TMPZ84C015BF-10 Datasheet
7Mb / 185P
   MICROPROCESSOR
logo
Freescale Semiconductor...
MC7457RX1267LC FREESCALE-MC7457RX1267LC Datasheet
808Kb / 71P
   Microprocessor
logo
Intel Corporation
INTEL386SX INTEL-INTEL386SX Datasheet
1Mb / 102P
   MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com