Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSE-0155-32S-P1-3 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TSE-0155-32S-P1-3
Description  SINGLE MODE SINGLE FIBER TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSE-0155-32S-P1-3 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TSE-0155-32S-P1-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TX-1310/RX-1550 nm Single-mode Bi-directional (Single-Fiber)Transceiver
2
×5 SC Simplex Connector, 3.3 V (17dB Margin)
155 Mbps ATM/SONET OC-3/SDH STM-1
Headquarters :
No. 669, Sec. 4 Chung Hsing Road
Chudung, HsinChu, Taiwan 310, ROC
Tel: +886-3-582-8270
Fax: +886-3-582-8416
Revision : 4.5
10/10
Date : 2003/02/17
http:// www.ritekom.com
Regulatory Compliance
FEATURE
TEST METHOD
PERFORMANCE
Electrostatic discharge
(ESD) to the electrical
pins
MIL-STD-883D Method 3015.7
Class 1(>1 kV) – Human Body Model
Electromagnetic
interference (EMI)
FCC Class B
EN55022 Class B
The transceiver is mounded on a circuit card without a
chassis enclosure at frequencies up to 1000 MHz.
Margins will be dependent on customer’s board and
chassis designs.
Immunity
Variation of IEC801-3
Typically show no measurable effect from a 10 V/m
filed swept from 30 MHz to 1000 MHz applied to the
transceiver without a chassis enclosure.
FDA 21 CFR 1040.10 and 1040.11
Class 1
FDA Accession Number: 0012715-04
Eye safety
EN 60825-1:1994+A11
EN 60950: 1992+A1+A2+A3+A4+A11
EN 60825-2: 1994+A1
TUV certificated Number: R 50011969
Eye Safety
The TSE series Single mode transceiver is a class 1 laser
product. It complies with EN 60825-1 and FDA 21 CFR
1040.10 and 1040.11. In order to meet laser safety
requirements the transceiver shall be operated within the
Absolute Maximum Ratings.
Caution
All adjustments have been done at the factory before
the shipment of the devices. No maintenance and user
serviceable part is required. Tampering with and
modifying the performance of the device will result in
voided product warranty.
Required Mark
Note : All information contained in this document is subject to change without notice.
Class 1 Laser Product
Complies with
21 CFR 1040.10 and 1040.11


Similar Part No. - TSE-0155-32S-P1-3

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
TSE-XX-C ADAM-TECH-TSE-XX-C Datasheet
84Kb / 1P
   CENTRALLINE LEVER BLOCK
TSE-XX-C-FL ADAM-TECH-TSE-XX-C-FL Datasheet
93Kb / 1P
   CENTRALLINE LEVER BLOCK
More results

Similar Description - TSE-0155-32S-P1-3

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9600MG_2015 OPTOWAY-SPM-9600MG_2015 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-9700MG_2015 OPTOWAY-SPM-9700MG_2015 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-9600MG OPTOWAY-SPM-9600MG_15 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-9700MG OPTOWAY-SPM-9700MG_15 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-7600G_2015 OPTOWAY-SPM-7600G_2015 Datasheet
176Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3602G OPTOWAY-SPM-3602G_15 Datasheet
177Kb / 6P
   125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5601G OPTOWAY-SPM-5601G_15 Datasheet
177Kb / 6P
   622 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-9600G OPTOWAY-SPM-9600G_15 Datasheet
176Kb / 6P
   2.5 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-7700G_2015 OPTOWAY-SPM-7700G_2015 Datasheet
177Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5601G_2015 OPTOWAY-SPM-5601G_2015 Datasheet
177Kb / 6P
   622 Mbps Multi-Mode Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com