Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2202 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ST2202 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 2Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 3Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 4Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 5Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 6Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 7Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
3/65
2003-May-05
3
3.. S
SIIG
GN
NA
AL
L D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
NS
S
TABLE 3-1 Signal Function Groups
Function Group
Pad No.
Designation
Description
Power
17, 52,
90
VCC , PVCC
VCC: Power supply for system
PVCC: Power supply for PSGO and PSGOB
Ground
22, 48,
49, 71
GND , PGND
GND: System power ground
PGND: Power ground for PSGO and PSGOB
System control
15,
1, 77,
26
RESET , TEST1/2
MMD/ CS0
RESET : Active low system reset signal input
TEST1/2: Leave them open when normal operation
MMD/CS0: Memory modes selection pin
Normal mode: Enable internal ROM.
MMD/ CS0 connects to GND.
Emulation mode: Disable internal ROM.
MMD/ CS0 connects to chip-select pin of external ROM.
One resistor should be added between VCC and this pin.
After reset cycles, MMD/ CS0 changes to be an output, and
outputs signal CS0 .
Clock
16,
18~21
OSCXO, OSCXI, OSCI,
XIO, XMD
XMD: High frequency oscillator (OSC) mode selection input
Low: Crystal mode. One crystal or resonator should be
connected between OSCI and XIO
High: Resistor oscillator mode. One resistor should be
connected between OSCI and VCC
OSCXI, OSCXO: Connect one 32768Hz crystal between these
two pins when using low frequency oscillator
69, 70
WR
, RD
External memory R/W control signals
2~4,
81~89,
91~101
A[22:0]
External memory address bus
External memory
bus signals
72~76,
78~80
D[7:0]
External memory data bus
PSG/PWM DAC
50, 51
PSGO, PSGOB
PSG outputs. Connect to one buzzer or speaker
Keyboard scan
signal (return line)
23~25,
27~31
PA7~0
I/O port A
GPIO
32~39
PB7~0
I/O port B
Chip selects
61~66
CS6 /A23/PD5 ,
1
~
CS5
/PD4~0
I/O port D and chip-select outputs
UART
46, 47,
67, 68
RXD0/PC7 ,
TXD0/PC6 ,
RXD1/PD7 , TXD1/PD6
UART signals and I/Os
SPI
41~45
DATA_READY /PC5 ,
SS /PC4 , SDO/PC3 ,
SDI/PC2 , SCK/PC1
SPI signals and I/Os


Similar Part No. - ST2202

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST2202A SITRONIX-ST2202A Datasheet
2Mb / 75P
   8 BIT Integrated Microcontroller with 256K Bytes ROM
More results

Similar Description - ST2202

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST2202A SITRONIX-ST2202A Datasheet
2Mb / 75P
   8 BIT Integrated Microcontroller with 256K Bytes ROM
ST2204 SITRONIX-ST2204 Datasheet
684Kb / 24P
   8 BIT Integrated Microcontroller with 512K Bytes ROM
ST2205U SITRONIX-ST2205U Datasheet
723Kb / 32P
   8 BIT Integrated Microcontroller with 32K Bytes RAM
logo
ATMEL Corporation
ATMEGA640 ATMEL-ATMEGA640 Datasheet
2Mb / 407P
   8- BIT Microcontroller with 256K Bytes In-System Programmable Flash
2549A-AVR-03/05
ATMEGA640_071 ATMEL-ATMEGA640_071 Datasheet
974Kb / 37P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
   8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P451S EMC-EM78P451S Datasheet
421Kb / 54P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com