Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE66CX320P-T85C Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SLE66CX320P-T85C
Description  Security & Chip Card ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CX320P-T85C Datasheet(HTML) 8 Page - Infineon Technologies AG

  SLE66CX320P-T85C Datasheet HTML 1Page - Infineon Technologies AG SLE66CX320P-T85C Datasheet HTML 2Page - Infineon Technologies AG SLE66CX320P-T85C Datasheet HTML 3Page - Infineon Technologies AG SLE66CX320P-T85C Datasheet HTML 4Page - Infineon Technologies AG SLE66CX320P-T85C Datasheet HTML 5Page - Infineon Technologies AG SLE66CX320P-T85C Datasheet HTML 6Page - Infineon Technologies AG SLE66CX320P-T85C Datasheet HTML 7Page - Infineon Technologies AG SLE66CX320P-T85C Datasheet HTML 8Page - Infineon Technologies AG SLE66CX320P-T85C Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SLE 66CX320P
Preliminary Short Product Information
8 / 9
08.01
General Description
SLE 66CX320P is the first product of Infineon Technologies high end security controller family in
advanced 0.25 µm CMOS technology. The CPU provides the high efficiency of the SAB 8051
instruction set extended by additional powerful instructions together with enhanced performance,
memory sizes and security features. The internal clock frequency can be adjusted up to 15 MHz
independent of the clock rate of the terminal with the help of the PLL.
The controller IC offers 63 Kbyte of User-ROM, 256 bytes internal RAM, 2048 bytes XRAM and 32
Kbytes EEPROM. The Memory Management Unit allows a secure separation of the operating
system and the applications. Furthermore the MMU makes a secure downloading of applications
possible after the personalization of a card. These new features suit the requirements of the next
generation of multi application operating systems. For code compatibility to the SLE 66CxxS
family, a transparent mode for the MMU is established which allows to keep the memory mapping
of the SLE 66CxxS products.
Advanced
Crypto Engine
DES-EC2
Accelerator
EEPROM
32 Kbyte
XRAM
2 Kbyte
ROM
64 Kbyte
16-Bit CPU with
MMU
&
ECO 2000
Instruction Set
Voltage
Clock
Reset
Sleep Mode Logic
Sensors/Filters
Voltage Regulator
Address-/Data Bus
two
16-bit
Timers
Interrupt
CRC
Random
Number
Generator
UART
PLL
Figure 2
Block Diagram SLE 66CX320P
The CRC module allows the easy generation of checksums according to ISO 3309 (16-Bit-CRC).
To minimize the overall power consumption, the chip card controller IC offers a sleep mode. The
UART supports the half-duplex transmission protocols T=0 and T=1 according to ISO 7816-3. All
relevant transmission parameters can be adjusted by software, as e.g. the clock division factor,
direct/inverse convention and the number of stop bits. Additionally, the I/O port can be driven by
communication routines realized in software.
The Advanced Crypto Engine is equipped with its own RAM of 700 bytes and supports all of today
known public-key algorithms based on large integer modular arithmetic. It allows fast and efficient
calculation of e.g. RSA operations with key lengths up to 2048 bit.
The DDES-EC2 accelerator consists of two modules. The DES module supports symmetrical
crypto algorithms according to the Data Encryption Standard in the Electronic Code Book Mode.
The EC2 module accelerates the multiplication in GF(2
n) and therefore the operations for elliptic
curve cryptography.
The random number generator (RNG) is able to supply the CPU with true random numbers on all
conditions.
As an important measure, the chip provides a new and enhanced level of on-chip security features.


Similar Part No. - SLE66CX320P-T85C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CX322P INFINEON-SLE66CX322P Datasheet
40Kb / 9P
   Security & Chip Card ICs
2002.11
SLE66CX322PC INFINEON-SLE66CX322PC Datasheet
40Kb / 9P
   Security & Chip Card ICs
2002.11
SLE66CX322PM5 INFINEON-SLE66CX322PM5 Datasheet
40Kb / 9P
   Security & Chip Card ICs
2002.11
More results

Similar Description - SLE66CX320P-T85C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com