Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPL500S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # NSPL500S
Description  SPECIFICATIONS FOR NICHIA WARM WHITE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NSPL500S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NSPL500S Datasheet HTML 2Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 3Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 4Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 5Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 9Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
-5-
Nichia
STSE-CW3032C
<Cat.No.031215>
(4) Soldering Conditions
· Nichia LED leadframes are comprised of a silver plated copper alloy.
This substance has a low
thermal coefficient (easily conducts heat).
Careful attention should be paid during soldering.
· Solder the LED no closer than 3mm from the base of the epoxy bulb.
Soldering beyond the base
of the tie bar is recommended.
· Recommended soldering conditions
Dip Soldering
Soldering
Pre-Heat
Pre-Heat Time
Solder Bath
Temperature
Dipping Time
Dipping Position
120°C Max.
60 seconds Max.
260°C Max.
10 seconds Max.
No lower than 3 mm from the
base of the epoxy bulb.
Temperature
Soldering Time
Position
350°C Max.
3 seconds Max.
No closer than 3 mm from the
base of the epoxy bulb.
· Do not apply any stress to the lead particularly when heated.
· The LEDs must not be repositioned after soldering.
· After soldering the LEDs, the epoxy bulb should be protected from mechanical shock or vibration until
the LEDs return to room temperature.
· Direct soldering onto a PC board should be avoided.
Mechanical stress to the resin may be caused
from warping of the PC board or from the clinching and cutting of the leadframes.
When it is
absolutely necessary, the LEDs may be mounted in this fashion but the User will assume responsibility
for any problems.
Direct soldering should only be done after testing has confirmed that no damage,
such as wire bond failure or resin deterioration, will occur.
Nichia’s LEDs should not be soldered
directly to double sided PC boards because the heat will deteriorate the epoxy resin.
· When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize
the mechanical stress on the LEDs.
· Cut the LED leadframes at room temperature.
Cutting the leadframes at high temperatures may
cause failure of the LEDs.
(5) Heat Generation
· Thermal design of the end product is of paramount importance.
Please consider the heat generation
of the LED when making the system design.
The coefficient of temperature increase per input
electric power is affected by the thermal resistance of the circuit board and density of LED
placement on the board, as well as other components. It is necessary to avoid intense heat generation
and operate within the maximum ratings given in this specification.
· The operating current should be decided after considering the ambient maximum temperature of LEDs.
(6) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs.
When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic.
When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.


Similar Part No. - NSPL500S

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPL500S NICHIA-NSPL500S Datasheet
347Kb / 15P
   WARM WHITE LED
More results

Similar Description - NSPL500S

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
NSPL500DS AAEON-NSPL500DS Datasheet
494Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL510DS AAEON-NSPL510DS Datasheet
487Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL515DS AAEON-NSPL515DS_15 Datasheet
500Kb / 15P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL510DS AAEON-NSPL510DS_15 Datasheet
487Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL570DS AAEON-NSPL570DS_15 Datasheet
503Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL515DS AAEON-NSPL515DS Datasheet
500Kb / 15P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL570DS AAEON-NSPL570DS Datasheet
503Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL500DS AAEON-NSPL500DS_15 Datasheet
494Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
logo
NICHIA CORPORATION
NCSL119T-H1 NICHIA-NCSL119T-H1 Datasheet
1Mb / 17P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
NSSL100CT NICHIA-NSSL100CT Datasheet
346Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com