Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLQ1608-F15N Datasheet(PDF) 1 Page - TOKO, Inc

Part # LLQ1608-F15N
Description  Wirewound Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LLQ1608-F15N Datasheet(HTML) 1 Page - TOKO, Inc

  LLQ1608-F15N Datasheet HTML 1Page - TOKO, Inc LLQ1608-F15N Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22
Meeting Your Needs
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
R-LOG1104A
TYPE
LLQ1608
Features
• Inductance tolerance:
±2%, ±5%, ±10%
• EIA standard 0603 footprint (1.6mm x 0.8mm)
• Lead-free terminations
• High Q
• High self-resonant frequency
• Operating temperature: –40
°C to +125°C
• Packaged on tape and reel in 3,000 piece quantity
• Reflow solderable
Part Numbering
ELECTRICAL CHARACTERISTICS
Wirewound Chip Inductors
Dimensions
Recommended
Footprint
The TOKO LLQ1608 Series is a wirewound ceramic chip inductor
that conforms to the EIA standard 0603 footprint and delivers
superb Q and SRF performance with high inductance tolerance.
1.12 max.
0.76
0.38
1.02 max.
1.02
Unit: mm
Tolerance:
±0.1mm
10000
1000
100
10
Frequency (MHz)
Q vs Frequency
0
40
80
120
100
60
20
3N9 (3.9 nH)
12N (12 nH)
22N (22 nH)
33N (33 nH)
68N (68 nH)
R12 (120 nH)
10000
1000
100
10
Frequency (MHz)
Inductance vs Frequency
1
10
100
1000
3N9 (3.9 nH)
12N (12 nH)
22N (22 nH)
33N (33 nH)
68N (68 nH)
R12 (120 nH)
LLQ 1608 - F 1N6 J
Tolerance
(G=
±2%, J=±5%, K=±10%)
Inductance
Material
Dimensions (LxW)
Type Name


Similar Part No. - LLQ1608-F15N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608-F15N TOKO-LLQ1608-F15N Datasheet
154Kb / 2P
   Wire Wound Chip Inductors
More results

Similar Description - LLQ1608-F15N

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com