Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-R2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # E39-R2
Description  Built-in power supply photoelectric sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

E39-R2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  E39-R2 Datasheet HTML 1Page - List of Unclassifed Manufacturers E39-R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers E39-R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers E39-R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers E39-R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers E39-R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers E39-R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers E39-R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
A-225
E3JK
Dimensions (Unit: mm)
Sensors
Accessories (Order Separately)
Seal type long slit (for E3JK)
21
12
42
50
40
58
10˚
R56.6
40
5
Optical
axis
36.5
21.5
Steel
13.4
28
50
Lens 14.8 dia.
Indicator *2
18
60
49
18
6 dia.
7
6.4
22
40
12
6.4
* 1.Mounting brackets can be used on the A side (Two, M4 x 20 attached) .
* 2.Emitter: Power indicator
Receiver: Light indicator
* 3.Emitter includes 2-conductor.
(A)*1
42
2-M6
6-dia., 5-conductor, vinyl-insulated
round cable (conductor cross-sectional
area: 0.3 mm²; insulation diameter: 1.5 mm).
Standard length: 2 m. * 3
CAD file
E3JK_01
E3JK-5##
Mounting Holes
With Mounting Bracket Attached
Emitter: E3JK-5L
Receiver: E3JK-5D##
21
12
Sensitivity adjustment
volume * 2
42
50
40
58
10˚
R56.6
40
5
Optical
axis
40
25
Steel
13.4
28
50
Lens
Light indicator
18
60
49
18
6 dia.
7
6.4
22
40
12
6.4
Emitter
* 1. Mounting brackets can be used on the A side (Two, M4 x 20 attached) .
* 2. No sensitivity adjustment volume on the retororeflective model.
(A)*1
42
2-M6
6-dia., 5-conductor, vinyl-insulated round cable
(conductor cross-sectional area: 0.3 mm
²; insulation diameter: 1.5 mm).
Standard length: 2 m. * 3
E3JK-R2##
E3JK-R4##
E3JK-DS30##
v
CAD file
E3JK_02
With Mounting Bracket Attached
Mounting Holes
E39-S39
Material: Polyester
0.1 mm thick
14
20
26.5
1±0.1


Similar Part No. - E39-R2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-R2 OMRON-E39-R2 Datasheet
468Kb / 6P
   Plug-in Base, Long Range Sensor
E39-R2 OMRON-E39-R2 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E39-R2 OMRON-E39-R2 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E39-R2 OMRON-E39-R2 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E39-R2 OMRON-E39-R2 Datasheet
920Kb / 13P
   Built-in Power Supply Photoelectric Sensor
2010.10
More results

Similar Description - E39-R2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3JM-R4M4-US OMRON-E3JM-R4M4-US Datasheet
893Kb / 13P
   Built-in Power Supply Photoelectric Sensor
E3JK OMRON-E3JK_V01 Datasheet
920Kb / 13P
   Built-in Power Supply Photoelectric Sensor
2010.10
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Omron Electronics LLC
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3SAT16 OMRON-E3SAT16 Datasheet
940Kb / 10P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
E39-S46 OMRON-E39-S46 Datasheet
4Mb / 21P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
logo
Panasonic Semiconductor
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
   Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com