Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-R2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # E39-R2
Description  Built-in power supply photoelectric sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

E39-R2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  E39-R2 Datasheet HTML 1Page - List of Unclassifed Manufacturers E39-R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers E39-R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers E39-R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers E39-R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers E39-R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers E39-R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers E39-R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
A-222
Photoelectric Sensors
Characteristic data (typical)
Excess Gain Ratio vs. Setting Distance
Through-beam model
Retroreflective Models
Diffuse-reflective
E3JK-5##
E3JK-R2## + E39-R1 (supplied reflector)
E3JK-DS30##
E3JK-R4## + E39-R1 (supplied reflector)
1,000
500
300
100
50
30
10
5
3
1
Setting distance (m)
1
02
3
4
5
6
7
8
Operating
voltage
100
50
30
10
5
3
1
Setting distance (m)
1
02
3
4
Operating
voltage
Reflector: E39-R1
Setting distance (mm)
100
0
200
300
400
500
100
50
30
10
5
3
1
Operating
voltage
Sensing object: White paper
Setting distance (m)
1
02
3
4
5
100
50
30
10
5
3
1
Operating
voltage
Reflector: E39-R1


Similar Part No. - E39-R2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-R2 OMRON-E39-R2 Datasheet
468Kb / 6P
   Plug-in Base, Long Range Sensor
E39-R2 OMRON-E39-R2 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E39-R2 OMRON-E39-R2 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E39-R2 OMRON-E39-R2 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E39-R2 OMRON-E39-R2 Datasheet
920Kb / 13P
   Built-in Power Supply Photoelectric Sensor
2010.10
More results

Similar Description - E39-R2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3JM-R4M4-US OMRON-E3JM-R4M4-US Datasheet
893Kb / 13P
   Built-in Power Supply Photoelectric Sensor
E3JK OMRON-E3JK_V01 Datasheet
920Kb / 13P
   Built-in Power Supply Photoelectric Sensor
2010.10
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Omron Electronics LLC
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3SAT16 OMRON-E3SAT16 Datasheet
940Kb / 10P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
E39-S46 OMRON-E39-S46 Datasheet
4Mb / 21P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
logo
Panasonic Semiconductor
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
   Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com