Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HG4115 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HG4115
Description  MINIATURE PCB POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HG4115 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HG4115 Datasheet HTML 1Page - List of Unclassifed Manufacturers HG4115 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Miniature PCB Power Relay
HG4115
HG4115
1/2
FEATURES
Most popular power relay
Up to 30A switching capacity
DC and AC coil available
TYPICAL APPLICATIONS
Industrial controls
Home appliances
Commercial applications
CONTACT RATING
UL /CSA RATING
CONTACT DATA
Max. Switching Current
Max. Switching Voltage
Max. Continuous Current
Max. Switching Power
240VAC
30A
30A
30A
8.31KVA,
900W
4.155KVA,
450W
1A, 5VDC/12VAC
5.54KVA,
2.77KVA, 300W
600W
15A
10A
15A
20A
20A
20A
10A
30A
15A
20A
10A
10A
10A
28VDC
1 Form A (H)
1 Form B (D)
1 Form C (Z)
NO
NC
277VAC/30VDC
Load Type
General Purpose
Resistive
Motor
LRA /FLA
Tungsten
Material
Service Life
Initial Contact Resistance
Ballast
1 Form A (H)
1 Form B (D)
1 Form C (Z)
240VAC
240VAC
240VAC
277VAC
240VAC
120VAC
120VAC
120VAC
28VDC
30A
2HP
80A/30A
10A
30A
1HP
TV5
98A/22A
20A
15A
0.5HP
30A/10A
3A
15A
0.25HP
TV3
10A
20A
2HP
50A/20A
10A
20A
1HP
TV5
20A
10A
0.5HP
20A/7A
3A
10A
0.25HP
TV3
10A
Mechanical
Electrical
AgCdO, AgSnOInO
50 m
Ω, max. at 0.1A, 6VDC
107 ops.
105 ops.
Form
Voltage
Voltage
Resistive
NO
NC
Min. Load
COIL DATA
Coil Voltage
Type
Code
DC
AC
Nominal
Voltage
(VDC/VAC)
(
Ω) ±10%
Must Operate
Voltage max.
(VDC/VAC)
005
006
009
012
024
048
110
012A
024A
110A
220A
5
6
9
12
24
48
110
12
24
110
220
27
40
97
155
660
2560
10330
26
106
2750
11000
3.75
4.50
6.75
9.00
18.00
36.00
82.50
10.20
20.40
93.50
187.00
0.5
0.6
0.9
1.2
2.4
4.8
11.0
1.8
3.6
16.0
33.0
Resistance
Must Release
Voltage min.
(VDC/VAC)
CHARACTERISTICS
Operate Time
Release Time
Insulation Resistance
Dielectric Strength
Shock Resistance
Vibration Resistance
15 ms for DC coil; 20 ms for AC coil, max.
10 ms for DC coil; 15 ms for AC coil, max.
1000 M
Ω, at 500 VDC, 50%RH
10 g, 11ms, functional; 100 g destructive
DA 1.5mm, 10 - 55 Hz
1500 Vrms, 1 min. between open contacts
1500 Vrms, 1 min. between coil and contacts
Power Consumption
Weight
Ambient Temperature
DC Coil: 0.9W; AC Coil: 2VA, approx.
Open: 20g; Covered: 26g, approx.
-55 to 85ºC operating; -55 to 130ºC storage


Similar Part No. - HG4115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4117 ETC-HG4117 Datasheet
101Kb / 2P
   AUTO MOTIVE SUBMINIATURE PCB POWER RELAY
HG4117/012-D1A ETC-HG4117/012-D1A Datasheet
101Kb / 2P
   AUTO MOTIVE SUBMINIATURE PCB POWER RELAY
HG4117/012-D1C ETC-HG4117/012-D1C Datasheet
101Kb / 2P
   AUTO MOTIVE SUBMINIATURE PCB POWER RELAY
HG4117/012-D1S ETC-HG4117/012-D1S Datasheet
101Kb / 2P
   AUTO MOTIVE SUBMINIATURE PCB POWER RELAY
HG4117/012-D2A ETC-HG4117/012-D2A Datasheet
101Kb / 2P
   AUTO MOTIVE SUBMINIATURE PCB POWER RELAY
More results

Similar Description - HG4115

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
DB Lectro Inc
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
   Miniature PCB Power Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
   miniature pcb power relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
   miniature pcb power relay
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
   Miniature Power PCB Relay
PB114005 MACOM-PB114005 Datasheet
236Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com