Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F0522501Q Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # F0522501Q
Description  Laser Diode Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

F0522501Q Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button F0522501Q Datasheet HTML 7Page - List of Unclassifed Manufacturers F0522501Q Datasheet HTML 8Page - List of Unclassifed Manufacturers F0522501Q Datasheet HTML 9Page - List of Unclassifed Manufacturers F0522501Q Datasheet HTML 10Page - List of Unclassifed Manufacturers F0522501Q Datasheet HTML 11Page - List of Unclassifed Manufacturers F0522501Q Datasheet HTML 12Page - List of Unclassifed Manufacturers F0522501Q Datasheet HTML 13Page - List of Unclassifed Manufacturers F0522501Q Datasheet HTML 14Page - List of Unclassifed Manufacturers F0522501Q Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
2.7 Gb/s Laser Diode Driver
F0522501Q
(3) Circuit Current
Conditions
V
DD=GND, VIN@DIN=-1.0V
V
IN@DINB=-1.3 V, VMIN=VSS , VBIN=VSS
V
OUT@OUT, OUTB , OUTBIAS =GND
(4) Signal Input Resistor and Bias Monitor Resistor
Conditions
Conditions
V
DD =GND, VSS= -5 V, VIN@DIN=-1.0 V
V
DD =GND, VSS= -5 V, VIN@DIN=-1.0 V
V
IN@DINB=-1.3 V, VMIN=VSS , VBIN=VSS
V
IN@DINB=-1.3V, VMIN=VSS , VBIN@IB=60 mA
V
OUT@OUT, OUTB , OUTBIAS =GND
V
OUT@OUT, OUTB , OUTBIAS =GND
Signal Input Resistor
60
55
50
45
40
-50
0
50
100
Ambient Operating Temperature (°C)
VSS=-5.50V
VSS=-5.25V
VSS=-5.00V
VSS=-4.75V
Bias Monitor Resistor
11
10
9
-50
0
50
100
Ambient Operating Temperature (°C)
VSS=-5.50V
VSS=-5.25V
VSS=-5.00V
VSS=-4.75V
Circuit Current
130
120
110
100
90
80
-50
0
50
100
Ambient Operating Temperature (°C)
VSS=-5.50V
VSS=-5.25V
VSS=-5.00V
VSS=-4.75V


Similar Part No. - F0522501Q

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
F052201 E-SWITCH-F052201 Datasheet
17Kb / 1P
   All Dimension In MM
F052201 E-SWITCH-F052201 Datasheet
237Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
F052202 E-SWITCH-F052202 Datasheet
17Kb / 1P
   All Dimension In MM
F052202 E-SWITCH-F052202 Datasheet
194Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
F052202 E-SWITCH-F052202 Datasheet
194Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - F0522501Q

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
   Laser Diode Driver
logo
IC-Haus GmbH
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
   Laser Diode Driver
logo
Sony Corporation
CXB1818Q SONY-CXB1818Q Datasheet
225Kb / 17P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6330 ETC-HY6330 Datasheet
176Kb / 2P
   Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com