Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR9016 Datasheet(PDF) 3 Page - Rohm

Part # BR9016
Description  8k, 16k bit EEPROMs for direct connection to serial ports
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR9016 Datasheet(HTML) 3 Page - Rohm

  BR9016 Datasheet HTML 1Page - Rohm BR9016 Datasheet HTML 2Page - Rohm BR9016 Datasheet HTML 3Page - Rohm BR9016 Datasheet HTML 4Page - Rohm BR9016 Datasheet HTML 5Page - Rohm BR9016 Datasheet HTML 6Page - Rohm BR9016 Datasheet HTML 7Page - Rohm BR9016 Datasheet HTML 8Page - Rohm BR9016 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BR9080 / BR9080F / BR9080RFV /
Memory ICs
BR9016 / BR9016F / BR9016RFV
Electrical characteristics
BR9080 / F / RFV, BR9016 / F / RFV: 5V (Unless otherwise noted, Ta=
−40∼85°C, VCC=2.7V∼5.5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VIL1
−−
0.3
×VCC
VIH1
VIL2
VIH2
0.7
×VCC
0.8
×VCC
0.2
×VCC
VOL
0
0.4
IOL=2.1mA
VOH
VCC
−0.4
VCC
IOH=
−0.4mA
DI pin
DI pin
CS, SK, WC pin
CS, SK, WC pin
ILI
−1
VIN=0V
∼VCC
ILO
−1
ICC1
5
ICC2
3
ISB
fSK
3
2
V
V
V
V
V
V
µA
µA
mA
mA
µA
MHz
1
1
VOUT=0V
∼VCC, CS=VCC
CS / SK / DI / WC=VCC DO, R / B=OPEN
fSK=2MHz tE / W=10ms (WRITE)
fSK=2MHz (READ)
Input low level voltage 1
Input high level voltage 1
Input low level voltage 2
Input high level voltage 2
Output low level voltage
Output high level voltage
Input leak current
Output leak current
Consumption current
during operation
Standby current
SK frequency
BR9080 / F / RFV, BR9016 / F / RFV: 3V (Unless otherwise noted, Ta=
−40∼85°C, VCC=2.7V∼5.5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VIL1
−−
0.3
×VCC
VIH1
VIL2
VIH2
0.7
×VCC
0.8
×VCC
0.2
×VCC
VOL
0
0.4
IOL=100
µA
VOH
VCC
−0.4
VCC
IOH=
−100µA
DI pin
DI pin
CS, SK, WC pin
CS, SK, WC pin
ILI
−1
VIN=0V
∼VCC
ILO
−1
ICC1
3
ICC2
750
ISB
fSK
2
2
V
V
V
V
V
V
µA
µA
mA
µA
µA
MHz
1
1
VOUT=0V
∼VCC, CS=VCC
CS / SK / DI / WC=VCC DO, R / B=OPEN
fSK=2MHz tE / W=10ms (WRITE)
fSK=2MHz (READ)
Input low level voltage 1
Input high level voltage 1
Input low level voltage 2
Input high level voltage 2
Output low level voltage
Output high level voltage
Input leak current
Output leak current
Consumption current
during operation
Standby current
SK frequency
Not designed for radiation resistance


Similar Part No. - BR9016

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9016AF ROHM-BR9016AF Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9016AF-W ROHM-BR9016AF-W Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9016ARFV ROHM-BR9016ARFV Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9016ARFV-W ROHM-BR9016ARFV-W Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9016ARFVM ROHM-BR9016ARFVM Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
More results

Similar Description - BR9016

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9080AF-W ROHM-BR9080AF-W Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9010-W ROHM-BR9010-W Datasheet
277Kb / 15P
   1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
BR9010 ROHM-BR9010 Datasheet
187Kb / 17P
   1, 2, and 4k bit EEPROMs for direct connection to serial ports
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24C08B MICROCHIP-24C08B Datasheet
75Kb / 12P
   8K/16K 5.0V I 2 C O Serial EEPROMs
1996
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24LC08B MICROCHIP-24LC08B Datasheet
453Kb / 12P
   8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Integrated Silicon Solu...
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com