Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME385DEESL Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME385DEESL
Description  MICROPOWER VOLTAGE REFERENCE DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME385DEESL Datasheet(HTML) 5 Page - Analog Microelectronics

  AME385DEESL Datasheet HTML 1Page - Analog Microelectronics AME385DEESL Datasheet HTML 2Page - Analog Microelectronics AME385DEESL Datasheet HTML 3Page - Analog Microelectronics AME385DEESL Datasheet HTML 4Page - Analog Microelectronics AME385DEESL Datasheet HTML 5Page - Analog Microelectronics AME385DEESL Datasheet HTML 6Page - Analog Microelectronics AME385DEESL Datasheet HTML 7Page - Analog Microelectronics AME385DEESL Datasheet HTML 8Page - Analog Microelectronics AME385DEESL Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AME, Inc.
5
AME385-2.5
Micropower Voltage Reference Diode
Maximum
Unit
SOT-23
325
TO-92
180
SO-8
125
Maximum Junction Temperature
150
oC
Maximum Lead Temperature (10 Sec)
300
oC
Thermal Resistance
oC / W
Parameter
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
Parameter
Maximum
Unit
Supply Current
50
mA
Parameter
Rating
Unit
Supply Current
100
µA ~ 20mA
Ambient Temperature Range
- 40 to + 85
oC
Junction Temperature
- 40 to + 125
oC
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device


Similar Part No. - AME385DEESL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME385DEET AME-AME385DEET Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
More results

Similar Description - AME385DEESL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com