Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC8877-2.8DBT Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AMC8877-2.8DBT
Description  LOW NOISE 300mA LOW DROPOUT REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMC8877-2.8DBT Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AMC8877-2.8DBT Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC8877-2.8DBT Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC8877-2.8DBT Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC8877-2.8DBT Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC8877-2.8DBT Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC8877-2.8DBT Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC8877-2.8DBT Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC8877-2.8DBT Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC8877-2.8DBT Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AMC DOC. #: AMC8877_A (LF)
AMC8877
Jun 2004
LOW NOISE 300mA
LOW DROPOUT REGULATOR
Characterization Curves
VIN=VOUT(NOMINAL) + 0.5V or 2.5V(whichever is greater), CIN=1uF, COUT=1uF,CBP=0.01uF, TA=+25
OC, ,Using plused ON time,unless otherwise noted.
Quiescent Current v.s. Output Current
Output Voltage v.s. Output Current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
25
50
75
100
125
150
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
0
20
40
60
80
100
120
140
VOUT=3.3V
Output Current (mA)
Output Current (V)
Output Voltage v.s. Input Voltage
Quiescent Current v.s. Input Voltage
3
3.1
3.2
3.3
3.4
3.5
44.5
55.5
6
VOUT=3.3V
IO=10mA
IO=150mA
1
1.2
1.4
1.6
1.8
2
2.2
2.4
44.5
55.5
6
IO=150mA
IO=10mA
Input Voltage (V)
Input Voltage (V)
Output Voltage v.s. Temperature
1
1.2
1.4
1.6
1.8
2
2.2
2.4
25
45
65
85
105
Temperature (
OC)
Quiescent Current v.s. Temperature
3.2
3.24
3.28
3.32
3.36
3.4
3.44
3.48
25
45
65
85
105
IO=150mA
IO=10mA
VOUT=3.3V
Temperature (
OC)
Copyright
© 2002, ADD Microtech Corp.
5
www.addmtek.com


Similar Part No. - AMC8877-2.8DBT

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC887-1.8DBT ADDTEK-AMC887-1.8DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
AMC887-2.0DBT ADDTEK-AMC887-2.0DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
AMC887-2.5DBT ADDTEK-AMC887-2.5DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
AMC887-2.85DBT ADDTEK-AMC887-2.85DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
AMC887-2.8DBT ADDTEK-AMC887-2.8DBT Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
More results

Similar Description - AMC8877-2.8DBT

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
List of Unclassifed Man...
AMC7628 ETC1-AMC7628 Datasheet
254Kb / 10P
   300mA Low DropOut Regulator
logo
Infineon Technologies A...
TLS203B0EJV50 INFINEON-TLS203B0EJV50 Datasheet
2Mb / 25P
   Low Dropout, Low Noise, 5V, 300mA
Rev. 1.1, 2015-01-15
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com