Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1098 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP1098
Description  2.4~2.5 GHz Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP1098 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP1098 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP1098 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP1098 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP1098 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP1098 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AP1098
2.4~2.5 GHz Power Amplifier
2004.07.19 Preliminary
For more information,please contact us at:
Sales Dept.
Tel: +886-2-2698-1022
e-mail: sales@rfintc.com
© 2003 RF Integrated Corporation. All rights reserved.
RF integrated Corp. reserves the right to make any changes to the specifications without notice.
2of 5
RF
IC
Pr
eli
mi
nar
y
Electrical Characteristics
Under Vc=3.3V, Vref=3V, Ta=25ºC
2
Input VSWR
dBc
-56
@Pout=23dBm, CCK/11Mbps
802.11b ACP-2nd
Side Lobe
mA
25
Icq
Quiescent current
2.5
Output VSWR
mA
85
165
@ Pout=19dBm, 64QAM/54Mbps
@ Pout=23dBm, CCK/11Mbps
Icc
Total current
@Pout=19dBm, 64QAM/54Mbps
@Pout=23dBm, CCK/11Mbps
@Pout=23dBm, CCK/11Mbps
@ Pout=19dBm, 64QAM/54Mbps
@ Pout=19dBm, 64QAM/54Mbps
@Icq=25mA
Test conditions
PAE
EVM
Gp
Iref
f
Symbol
28
37
-36
3
25
0.7
Typ.
%
PAE @ linear
power
2.4
Min.
%
EVM at Output
power 19dBm
dBc
802.11b ACP-1st
Side Lobe
dB
Power Gain
mA
Bias control
reference current
GHz
2.5
Freq.
Unit
Max.
Parameter
Absolute Maximum Ratings
Important Note:
The information provided in this datasheet is
deemed to be accurate and reliable only at present
time. RF Integrated Corp. reserves the right to make
any changes to the specifications in this datasheet
without prior notice.
°C
-40 to +125
Storage Temperature
°C
-40 to +85
Operating Ambient
Temperature
dBm
+5
RF Input Power
mA
280
DC Supply Current For
Collector
V
+5
DC Power Supply For
Collector
Unit
Rating
Parameter


Similar Part No. - AP1098

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
More results

Similar Description - AP1098

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
   ISM Power Amplifier 2.4 - 2.5 GHz
logo
List of Unclassifed Man...
AP1045A ETC-AP1045A Datasheet
286Kb / 6P
   2.4~2.5 GHz High Power Amplifier
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
   2.4-2.5 GHz WLAN Power Amplifier
logo
Microsemi Corporation
LX5512E MICROSEMI-LX5512E_05 Datasheet
580Kb / 11P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com