Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC3843CSTR Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC3843CSTR
Description  Current-Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC3843CSTR Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC3843CSTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC3843CSTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC3843CSTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC3843CSTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC3843CSTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC3843CSTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC3843CSTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC3843CSTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC3843CSTR Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AIC3843
3
n ELECTRICAL CHARACTERISTICS {V
CC= 15V (see Note 2), -40° C ≦ TA ≦ 85° C, unless
otherwise specified.}
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reference Section
Output Voltage
I
O=1mA
4.9
5
5.1
V
Line Regulation
V
CC=12V to 25V
5
20
mV
Load Regulation
I
O=1mA to 20mA
5
25
mV
Temperature Coefficient of
Output Voltage
0.2
0.4
mV/
°C
Output Noise Voltage
f =10Hz to 10KHz
50
µV
Output Voltage Long Term
Drift
After 1000H at TA=25°C
5
25
mV
Short Circuit Output Current
-30
-85
-180
mA
Oscillator Section
Oscillator Frequency (see
Note 3)
47
52
57
KHz
Frequency Change with
Supply Voltage
VCC=12V to 25V
0.2
1
%
Frequency Change with
Temperature
TA=TLOW to THIGH
5
%
Peak-to-Peak Amplitude at
RT/CT
1.7
V
Error Amplifier Section
Feedback Input Voltage
COMP at 2.5V
2.42
2.50
2.58
V
Input Bias Current
-0.3
-2
µA
Open-Loop Voltage
Amplification
VO=2V to 4V
65
90
dB
Gain-Bandwidth Product
0.7
1
MHz
Supply Voltage Rejection
Ratio
VCC=12V to 25V
60
70
dB
Output Sink Current
VFB at 2.7V, COMP at 1.1V
2
10
mA
Output Source Current
VFB at 2.3V, COMP at 5V
-0.5
-1
mA
High-Level Output Voltage
VFB at 2.3V, RL=15KΩ to GND
5
6.2
V
Low-Level Output Voltage
VFB at 2.7V, RL=15Ω to VREF
0.8
1.1
V


Similar Part No. - AIC3843CSTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC3842 AIC-AIC3842 Datasheet
114Kb / 7P
   Current-Mode PWM Controller
AIC3842CN AIC-AIC3842CN Datasheet
114Kb / 7P
   Current-Mode PWM Controller
AIC3842CS AIC-AIC3842CS Datasheet
114Kb / 7P
   Current-Mode PWM Controller
More results

Similar Description - AIC3843CSTR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com