Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68L11K3FU3 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC68L11K3FU3
Description  8-Bit Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68L11K3FU3 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC68L11K3FU3 Datasheet HTML 7Page - Motorola, Inc MC68L11K3FU3 Datasheet HTML 8Page - Motorola, Inc MC68L11K3FU3 Datasheet HTML 9Page - Motorola, Inc MC68L11K3FU3 Datasheet HTML 10Page - Motorola, Inc MC68L11K3FU3 Datasheet HTML 11Page - Motorola, Inc MC68L11K3FU3 Datasheet HTML 12Page - Motorola, Inc MC68L11K3FU3 Datasheet HTML 13Page - Motorola, Inc MC68L11K3FU3 Datasheet HTML 14Page - Motorola, Inc MC68L11K3FU3 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
M68HC11 K Series
MOTOROLA
MC68HC11KTS/D
11
2 Operating Modes
The M68HC11 K-series MCUs have four modes of operation that directly affect the address space.
These modes are described as follows.
2.1 Single-Chip Operating Mode
In single-chip operating mode, the M68HC11 K-series MCUs are stand-alone microcontrollers with no
external address or data bus. Addressing range is 64 Kbytes and is limited to on-chip resources. Refer
to the memory map diagram.
2.2 Expanded Operating Mode
In expanded operating mode, the MCU has a 64 Kbyte address range and, using the expansion bus,
can access external resources within the 64 Kbyte space. This space includes the same on-chip mem-
ory addresses used for single-chip mode, in addition to addressing capabilities for external peripheral
and memory devices. Addressing beyond 64 Kbytes is available only in expanded mode using the on-
chip, register-based memory mapping logic. The additional address lines for memory expansion
(XA[18:13]) are implemented as alternate functions of port G. The expansion bus (external address and
data buses) is made up of ports B, C, and F, and the R/W signal. In expanded operating mode, high
order address bits are output on the port B pins, low order address bits on the port F pins, and the data
bus on port C. Refer to the memory map diagram.
2.3 Bootstrap Mode
Bootstrap mode allows special-purpose programs to be loaded into internal RAM. The MCU contains
448 bytes of bootstrap ROM which is enabled and present in the memory map only when the device is
in bootstrap mode. The bootstrap ROM contains a program which initializes the SCI and allows the user
to download up to 768 bytes of code into on-chip RAM. After a four-character delay, or after receiving
the character for address $037F, control passes to the loaded program at $0080. Refer to the memory
map diagram. Refer also to Application Note
M68HC11 Bootstrap Mode (AN1060/D).
2.4 Special Test Mode
Special test mode is used primarily for factory testing. In this operating mode, ROM/EPROM is removed
from the address space and interrupt vectors are accessed externally at $BFC0–$BFFF.
2.5 Mode Selection
Operating modes are selected by a combination of logic levels applied to two input pins (MODA and
MODB) during reset. The logic level present (at the rising edge of reset) on these inputs is reflected in
bits in the HPRIO register. After reset, the operating mode may be changed according to the table con-
tained in the description of the HPRIO register.
The functions of two features that are enabled by bits in OPT2 register are dependent upon the operat-
ing mode. LIR driven is enabled with the LIRDV bit. Internal read visibility/not E is enabled with the
IRVNE bit. Refer to the OPT2 register description that follows HPRIO.
*The reset values of RBOOT, SMOD, and MDA depend on the mode selected at power up.
HPRIO —Highest Priority I-Bit Interrupt and Miscellaneous
$003C
Bit 7
65432
1
Bit 0
RBOOT* SMOD*
MDA*
PSEL4
PSEL3
PSEL2 PSEL1 PSEL0
RESET:
0
0
0
0
0
1
1
0
Single Chip
001001
1
0
Expanded
110001
1
0
Bootstrap
011001
1
0
Special Test


Similar Part No. - MC68L11K3FU3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68L11K3FU3 MOTOROLA-MC68L11K3FU3 Datasheet
420Kb / 80P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68L11K3FU3 FREESCALE-MC68L11K3FU3 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
MC68L11K3FU3 FREESCALE-MC68L11K3FU3 Datasheet
625Kb / 80P
   8-Bit Microcontroller
logo
NXP Semiconductors
MC68L11K3FU3 NXP-MC68L11K3FU3 Datasheet
909Kb / 80P
   8-Bit Microcontroller
MC68L11K3FU3 NXP-MC68L11K3FU3 Datasheet
18Mb / 229P
   HCMOS MICROCONTROLLER UNIT
More results

Similar Description - MC68L11K3FU3

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com