Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68L11K0FU1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC68L11K0FU1
Description  8-Bit Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68L11K0FU1 Datasheet(HTML) 3 Page - Motorola, Inc

  MC68L11K0FU1 Datasheet HTML 1Page - Motorola, Inc MC68L11K0FU1 Datasheet HTML 2Page - Motorola, Inc MC68L11K0FU1 Datasheet HTML 3Page - Motorola, Inc MC68L11K0FU1 Datasheet HTML 4Page - Motorola, Inc MC68L11K0FU1 Datasheet HTML 5Page - Motorola, Inc MC68L11K0FU1 Datasheet HTML 6Page - Motorola, Inc MC68L11K0FU1 Datasheet HTML 7Page - Motorola, Inc MC68L11K0FU1 Datasheet HTML 8Page - Motorola, Inc MC68L11K0FU1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
M68HC11 K Series
MOTOROLA
MC68HC11KTS/D
3
84-Pin CLCC
(Windowed)
–40
°to + 85°C
$DF
EPROM
2 MHz
MC68HC711K4CFS2
3 MHz
MC68HC711K4CFS3
4 MHz
MC68HC711K4CFS4
–40
°to + 105°C
$DF
EPROM
2 MHz
MC68HC711K4VFS2
3 MHz
MC68HC711K4VFS3
4 MHz
MC68HC711K4VFS4
–40
°to + 125°C
$DF
EPROM
2 MHz
MC68HC711K4MFS2
3 MHz
MC68HC711K4MFS3
4 MHz
MC68HC711K4MFS4
Table 2 Extended Voltage (3.0 Vdc to 5.5 Vdc) Device Ordering Information
Package
Temperature
Description
Frequency
MC Order Number
84-Pin PLCC
–20
°to + 70°C
Custom ROM
1 MHz
MC68L11K4FN1
3 MHz
MC68L11K4FN3
No ROM
1 MHz
MC68L11K1FN1
3 MHz
MC68L11K1FN3
No ROM, No EEPROM
1 MHz
MC68L11K0FN1
3 MHz
MC68L11K0FN3
Custom ROM, No EEPROM
1 MHz
MC68L11K3FN1
3 MHz
MC68L11K3FN3
80-Pin QFP
–20
°to + 70°C
Custom ROM
1 MHz
MC68L11K4FU1
3 MHz
MC68L11K4FU3
No ROM
1 MHz
MC68L11K1FU1
3 MHz
MC68L11K1FU3
No ROM, No EEPROM
1 MHz
MC68L11K0FU1
3 MHz
MC68L11K0FU3
Custom ROM, No EEPROM
1 MHz
MC68L11K3FU1
3 MHz
MC68L11K3FU3
Table 1 Standard Device Ordering Information (Continued)
Package
Temperature
CONFIG
Description
Frequency
MC Order Number


Similar Part No. - MC68L11K0FU1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68L11K0FU1 MOTOROLA-MC68L11K0FU1 Datasheet
420Kb / 80P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68L11K0FU1 FREESCALE-MC68L11K0FU1 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
MC68L11K0FU1 FREESCALE-MC68L11K0FU1 Datasheet
625Kb / 80P
   8-Bit Microcontroller
logo
NXP Semiconductors
MC68L11K0FU1 NXP-MC68L11K0FU1 Datasheet
909Kb / 80P
   8-Bit Microcontroller
More results

Similar Description - MC68L11K0FU1

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com