Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W320-04H Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # W320-04H
Description  200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W320-04H Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button W320-04H Datasheet HTML 3Page - Cypress Semiconductor W320-04H Datasheet HTML 4Page - Cypress Semiconductor W320-04H Datasheet HTML 5Page - Cypress Semiconductor W320-04H Datasheet HTML 6Page - Cypress Semiconductor W320-04H Datasheet HTML 7Page - Cypress Semiconductor W320-04H Datasheet HTML 8Page - Cypress Semiconductor W320-04H Datasheet HTML 9Page - Cypress Semiconductor W320-04H Datasheet HTML 10Page - Cypress Semiconductor W320-04H Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
W320-04
Document #: 38-07010 Rev. *B
Page 7 of 18
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Supply Voltage ..................................................–0.5 to +7.0V
Input Voltage .............................................. –0.5V to VDD+0.5
Storage Temperature (Non-Condensing) ... –65
°C to +150°C
Max. Soldering Temperature (10 sec) ...................... +260
°C
Junction Temperature ............................................... +150
°C
Package Power Dissipation............................................... 1
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ............................ > 2000V
Operating Conditions[8] Over which Electrical Parameters are Guaranteed
Parameter
Description
Min.
Max.
Unit
VDD_REF, VDD_PCI,VDD_CORE,
VDD_3V66, VDD_CPU,
3.3V Supply Voltages
3.135
3.465
V
VDD_48 MHz
48-MHz Supply Voltage
2.85
3.465
V
TA
Operating Temperature, Ambient
0
70
°C
Cin
Input Pin Capacitance
5
pF
CXTAL
XTAL Pin Capacitance
22.5
pF
CL
Max. Capacitive Load on
USBCLK, REF
PCICLK, 3V66
20
30
pF
f(REF)
Reference Frequency, Oscillator Nominal Value
14.318
14.318
MHz
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min. Max. Unit
VIH
High-level Input Voltage
Except Crystal Pads. Threshold Voltage for Crystal Pads = VDD/2
2.0
V
VIL
Low-level Input Voltage
Except Crystal Pads
0.8
V
VOH
High-level Output Voltage
USB, REF, 3V66
IOH = –1 mA
2.4
V
PCI
IOH = –1 mA
2.4
V
VOL
Low-level Output Voltage
USB, REF, 3V66
IOL = 1 mA
0.4
V
PCI
IOL = 1 mA
0.55
V
IIH
Input HIGH Current
0 < VIN < VDD
–55
mA
IIL
Input LOW Current
0 < VIN < VDD
–55
mA
IOH
High-level Output Current
CPU
For IOH =6*IRef Configuration
Type X1, VOH = 0.65V
12.9
mA
Type X1, VOH = 0.74V
14.9
REF, DOT, USB
Type 3, VOH = 1.00V
–29
Type 3, VOH = 3.135V
–23
3V66, DOT, PCI, REF
Type 5, VOH = 1.00V
–33
Type 5, VOH = 3.135V
–33
IOL
Low-level Output Current
REF, DOT, USB
Type 3, VOL = 1.95V
29
mA
Type 3, VOL = 0.4V
27
3V66, PCI, REF
Type 5, VOL =1.95 V
30
Type 5, VOL = 0.4V
38
IOZ
Output Leakage Current
Three-state
10
mA
IDD3
3.3V Power Supply Current VDD_CORE/VDD3.3 = 3.465V, FCPU = 133 MHz
360
mA
IDDPD3
3.3V Shut-down Current
VDD_CORE/VDD3.3 = 3.465V and @ IREF = 2.32 mA
25
mA
IDDPD3
3.3V Shut-down Current
VDD_CORE/VDD3.3 = 3.465V and @ IREF = 5.0 mA
45
mA
Note:Notes:
8.
The voltage on any input or I/O pin cannot exceed te powe pin during power-ujp. Power supply sequencing is NOT required.


Similar Part No. - W320-04H

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W320-04H SPECTRALINEAR-W320-04H Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-04H CYPRESS-W320-04H Datasheet
261Kb / 17P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
W320-04H SILABS-W320-04H Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-04HT SPECTRALINEAR-W320-04HT Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-04HT CYPRESS-W320-04HT Datasheet
261Kb / 17P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results

Similar Description - W320-04H

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-03 SPECTRALINEAR-W320-03 Datasheet
251Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
W320-03 SILABS-W320-03 Datasheet
201Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03 Datasheet
272Kb / 19P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04 CYPRESS-W320-04 Datasheet
261Kb / 17P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-04 SPECTRALINEAR-W320-04 Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
   133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com