Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C72M5 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S3C72M5
Description  single-chip CMOS microcontroller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72M5 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S3C72M5 Datasheet HTML 6Page - Samsung semiconductor S3C72M5 Datasheet HTML 7Page - Samsung semiconductor S3C72M5 Datasheet HTML 8Page - Samsung semiconductor S3C72M5 Datasheet HTML 9Page - Samsung semiconductor S3C72M5 Datasheet HTML 10Page - Samsung semiconductor S3C72M5 Datasheet HTML 11Page - Samsung semiconductor S3C72M5 Datasheet HTML 12Page - Samsung semiconductor S3C72M5 Datasheet HTML 13Page - Samsung semiconductor S3C72M5 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
PRODUCT OVERVIEW
S3C72M5/C72M7/C72M9/P72M9 (Preliminary Spec)
1-10
PIN DESCRIPTIONS
Table 1-1. S3C72M5/C72M7/C72M9 Pin Descriptions
Pin Name
Pin Type
Description
Number
Share Pin
P0.0
P0.1
P0.2
P0.3
I/O
4-bit I/O port.
1-bit and 4-bit read/write and test is possible.
4-bit unit pull-up resisters are assignable to input pins
by software and are automatically disabled for output
pins. Each bit pin can be allocated as input or output
(1-bit unit). The N-ch open drain or push-pull output
may be selected by software (1-bit unit).
16
17
18
19
SCK/K0
SO/K1
SI/K2
BUZ/K3
P1.0
P1.1
P1.2
P1.3
I
4-bit input port.
1-bit and 4-bit read and test is possible.
4-bit unit pull-up resistors are assignable to input pins
by software.
28
29
30
31
INT0
INT1
INT2
INT4
P2.0
P2.1
P2.2
P2.3
I/O
4-bit I/O port. 1-bit and 4-bit read/write and test is
possible. I/O function is same as port 0.
32
33
34
35
M
LCDFR
CLO1
CLO2
P3.0
P3.1
P3.2
P3.3
I/O
4-bit I/O port. 1-bit and 4-bit read/write and test is
possible. I/O function is same as port 0.
36
37
38
39
TCLO0/CL
TCLO1
TCL0
TCL1
P4.0
P4.1
P4.2
I/O
3-bit I/O port. I/O function is same as port 0 except
that port 4 is 3-bit I/O port.
40
41
42
CIN0
CIN1
CIN2
P6.0
P6.1
P6.2
P6.3
P7.0–P7.3
I/O
4-bit I/O port. 1-, 4-bit and 8-bit read/write and test is
possible. 4-bit unit pull-up resisters are assignable to
input pins by software and are automatically disabled
for output pins. Each bit pin can be allocated as input
or output (1-bit unit). The N-ch open drain or push-
pull output may be selected by software (4-bit unit).
43
44
45
46
47–50
K4/SEG79
K5/SEG78
K6/SEG77
K7/SEG76
SEG75–72
P8.0–P8.3
P9.0–P9.3
I/O
4-bit I/O port. 1-, 4-bit and 8-bit read/write and test is
possible. I/O function is same as port 6, 7.
51–54
55–58
SEG71–68
SEG67–64
P10.0–P10.3
P11.0–P11.3
I/O
4-bit I/O port. 1-, 4-bit and 8-bit read/write and test is
possible. I/O function is same as port 6, 7.
59–62
63–66
SEG63–60
SEG59–56
P12.0–P12.3
P13.0–P13.3
I/O
4-bit I/O port. 1-, 4-bit and 8-bit read/write and test is
possible. I/O function is same as port 6, 7.
67–70
71–74
SEG55–52
SEG51–48
SCK
I/O
Serial I/O interface clock signal
16
P0.0
SO
I/O
Serial data output
17
P0.1
SI
I/O
Serial data input
18
P0.2
BUZ
I/O
2, 4, 8, 16 kHz frequency output for buzzer sound
19
P0.3
K0–K3
K4–K7
I/O
External interrupts with rising/falling edge detection
16–19
43–46
P0.0–P0.3
P6.0–P6.3


Similar Part No. - S3C72M5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7235 SAMSUNG-S3C7235 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7281 SAMSUNG-S3C7281 Datasheet
135Kb / 21P
   The S3C7281 is a SAM48 core-based 4-bit CMOS single-chip microcontroller. It is built around the SAM48 core CPU and contains ROM, RAM.
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72B5 SAMSUNG-S3C72B5 Datasheet
289Kb / 37P
   The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
More results

Similar Description - S3C72M5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7565 SAMSUNG-S3C7565 Datasheet
289Kb / 42P
   single-chip CMOS microcontroller
S3C7559 SAMSUNG-S3C7559 Datasheet
266Kb / 38P
   single-chip CMOS microcontroller
S3P72N5 SAMSUNG-S3P72N5 Datasheet
276Kb / 40P
   single-chip CMOS microcontroller
logo
Advanced Micro Devices
80C321 AMD-80C321 Datasheet
1Mb / 25P
   CMOS SINGLE CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Epson Company
S1C63657 EPSON-S1C63657 Datasheet
96Kb / 6P
   CMOS 4-bit Single Chip Microcontroller
S1C6F016 EPSON-S1C6F016 Datasheet
121Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com