Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70914S25PB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT70914S25PB
Description  HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70914S25PB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT70914S25PB Datasheet HTML 1Page - Integrated Device Technology IDT70914S25PB Datasheet HTML 2Page - Integrated Device Technology IDT70914S25PB Datasheet HTML 3Page - Integrated Device Technology IDT70914S25PB Datasheet HTML 4Page - Integrated Device Technology IDT70914S25PB Datasheet HTML 5Page - Integrated Device Technology IDT70914S25PB Datasheet HTML 6Page - Integrated Device Technology IDT70914S25PB Datasheet HTML 7Page - Integrated Device Technology IDT70914S25PB Datasheet HTML 8Page - Integrated Device Technology IDT70914S25PB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2000 Integrated Device Technology, Inc.
JANUARY 2001
DSC-3490/6
1
Features
x
x
x
x
x
High-speed clock-to-data output times
– Military: 20/25ns (max.)
– Commercial: 12/15/20ns (max.)
x
x
x
x
x
Low-power operation
– IDT70914S
Active: 850 mW (typ.)
Standby: 50 mW (typ.)
x
x
x
x
x
Architecture based on Dual-Port RAM cells
– Allows full simultaneous access from both ports
x
x
x
x
x
Synchronous operation
– 4ns setup to clock, 1ns hold on all control, data, and address
inputs
– Data input, address, and control registers
Functional Block Diagram
– Fast 12ns clock to data out
– Self-timed write allows fast cycle times
– 16ns cycle times, 60MHz operation
x
x
x
x
x
TTL-compatible, single 5V (+ 10%) power supply
x
x
x
x
x
Clock Enable feature
x
x
x
x
x
Guaranteed data output hold times
x
x
x
x
x
Available in 68-pin PLCC, and 80-pin TQFP
x
x
x
x
x
Military product compliant to MIL-PRF-38535 QML
x
x
x
x
x
Industrial temperature range (-40°C to +85°C) is available
for selected speeds.
x
x
x
x
x
Recommended for replacement of IDT7099 (4K x 9) if
separate 9th bit data control signals are not required.
HIGH SPEED 36K (4K X 9)
SYNCHRONOUS
DUAL-PORT RAM
IDT70914S
MEMOR
Y
ARRAY
I/O0-8L
OEL
CLKL
CLKENL
R/
WL
CEL
Self-
timed
Write
Logic
REG
REG
en
REG
en
MEMORY
ARRAY
WRITE
LOGIC
SENSE
AMPS
WRITE
LOGIC
SENSE
AMPS
DECODER DECODER
Self-
timed
Write
Logic
REG
I/O0-8R
OER
CLKR
CLKENR
R/
WR
CER
3490 drw 01
A0L-A11L
A0R-A11R


Similar Part No. - IDT70914S25PB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
More results

Similar Description - IDT70914S25PB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70914S RENESAS-70914S Datasheet
413Kb / 13P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JULY 2019
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914S IDT-IDT70914S_16 Datasheet
664Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT7099S IDT-IDT7099S Datasheet
131Kb / 9P
   HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S_15 Datasheet
618Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT70V914S RENESAS-IDT70V914S Datasheet
610Kb / 10P
   HIGH SPEED 3.3V (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com