Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC11K0CFN2 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC68HC11K0CFN2
Description  8-Bit Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC11K0CFN2 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC68HC11K0CFN2 Datasheet HTML 5Page - Motorola, Inc MC68HC11K0CFN2 Datasheet HTML 6Page - Motorola, Inc MC68HC11K0CFN2 Datasheet HTML 7Page - Motorola, Inc MC68HC11K0CFN2 Datasheet HTML 8Page - Motorola, Inc MC68HC11K0CFN2 Datasheet HTML 9Page - Motorola, Inc MC68HC11K0CFN2 Datasheet HTML 10Page - Motorola, Inc MC68HC11K0CFN2 Datasheet HTML 11Page - Motorola, Inc MC68HC11K0CFN2 Datasheet HTML 12Page - Motorola, Inc MC68HC11K0CFN2 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
M68HC11 K Series
MOTOROLA
MC68HC11KTS/D
9
C
CFORC
Timer Compare Force
$000B
66
CONFIG
System Configuration Register
$003F
25
COPRST
Arm/Reset COP Timer Circuitry
$003A
40
CSCSTR
Chip Select Clock Stretch
$005A
33
CSCTL
Chip Select Control
$005B
32
D
DDRA
Data Direction Register for Port A
$0001
42
DDRB
Data Direction Register for Port B
$0002
43
DDRF
Data Direction Register for Port F
$0003
46
DDRG
Data Direction Register for Port G
$007F
47
DDRH
Data Direction Register for Port H
$007D
46
E
EPROG
EPROM Programming Control
$002B
19
G
GPCS1A
General-Purpose Chip Select 1 Address
$005C
33
GPCS1C
General-Purpose Chip Select 1 Control
$005D
34
GPCS2A
General-Purpose Chip Select 2 Address
$005E
34
GPCS2C
General-Purpose Chip Select 2 Control
$005F
34
H
HPRIO
Highest Priority I-Bit Interrupt and Miscellaneous
$003C
11, 40
I
INIT
RAM and Register Mapping
$003D
18
INIT2
EEPROM Mapping
$0037
24
M
MMSIZ
Memory Mapping Size
$0056
28
MMWBR
Memory Mapping Window Base
$0057
29
O
OC1D
Output Compare 1 Data
$000D
66
OC1M
Output Compare 1 Mask
$000C
66
OPT2
System Configuration Options 2
$0038
12, 44, 59
OPTION
System Configuration Options
$0039
39
P
PACNT
Pulse Accumulator Counter
$0027
73
PACTL
Pulse Accumulator Control
$0026
73
PGAR
Port G Assignment
$002D
28, 47
PORTA
Port A Data
$0000
42
PORTB
Port B Data
$0004
43
PORTC
Port C Data
$0006
43
PORTE
Port E Data
$000A
46
PORTF
Port F Data
$0005
46
PORTG
Port G Data
$007E
47
PORTH
Port H Data
$007C
46
PPAR
Port Pull-Up Assignment
$002C
48
PPROG
EEPROM Programming Control
$003B
22
PWCLK
Pulse-Width Modulation Clock Select
$0060
62, 76
REGISTER INDEX


Similar Part No. - MC68HC11K0CFN2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11K0CFN2 MOTOROLA-MC68HC11K0CFN2 Datasheet
420Kb / 80P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11K0CFN2 FREESCALE-MC68HC11K0CFN2 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
MC68HC11K0CFN2 FREESCALE-MC68HC11K0CFN2 Datasheet
625Kb / 80P
   8-Bit Microcontroller
logo
NXP Semiconductors
MC68HC11K0CFN2 NXP-MC68HC11K0CFN2 Datasheet
909Kb / 80P
   8-Bit Microcontroller
More results

Similar Description - MC68HC11K0CFN2

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com