Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA72543 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # MGA72543
Description  PHEMT Low Noise Amplifier with Bypass Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA72543 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  MGA72543 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MGA72543 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MGA72543 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MGA72543 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MGA72543 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MGA72543 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA72543 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA72543 Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA72543 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
MGA-72543 Absolute Maximum Ratings[1]
Absolute
Maximum
Symbol
Parameter
Units Maximum Recommended
Vd
Maximum Input to
V
5.5
4.2
Output Voltage
Vref
Maximum Input to
V
+0.3
+0.1
Ground DC Voltage
-5.5
-4.2
Id
Supply Current
mA
70
60
Pd
Power Dissipation [2,3]
mW
300
250
Pin
CW RF Input Power
dBm
+20
+13
Tj
Junction Temperature
°C
170
150
TSTG
Storage Temperature
°C
-65 to +150
-40 to +85
Thermal Resistance[2]:
θjc = 200°C/W
Notes:
1. Operation of this device in excess of
any one of these limits may cause
permanent damage.
2. Tcase = 25
°C
Simplified Schematic
Functional Block Diagram
GND
GND
Output
& Vd
Control
GainFET
Input
&
Vref
RF OUT
SW & Bias Control
RF IN


Similar Part No. - MGA72543

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA725M4 HP-MGA725M4 Datasheet
188Kb / 20P
   Low Noise Amplifier with Bypass Switch In Miniature Leadless Package
More results

Similar Description - MGA72543

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-72543 BOARDCOM-MGA-72543 Datasheet
177Kb / 21P
   PHEMT* Low Noise Amplifi er with Bypass Switch
DEMO-MGA-72543 BOARDCOM-DEMO-MGA-72543 Datasheet
177Kb / 21P
   PHEMT* Low Noise Amplifi er with Bypass Switch
logo
AVAGO TECHNOLOGIES LIMI...
MGA-72543 AVAGO-MGA-72543 Datasheet
177Kb / 21P
   PHEMT Low Noise Amplifi er with Bypass Switch
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com