Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-72543-TR2G Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # MGA-72543-TR2G
Description  PHEMT Low Noise Amplifier with Bypass Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA-72543-TR2G Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  MGA-72543-TR2G Datasheet HTML 1Page - Agilent(Hewlett-Packard) MGA-72543-TR2G Datasheet HTML 2Page - Agilent(Hewlett-Packard) MGA-72543-TR2G Datasheet HTML 3Page - Agilent(Hewlett-Packard) MGA-72543-TR2G Datasheet HTML 4Page - Agilent(Hewlett-Packard) MGA-72543-TR2G Datasheet HTML 5Page - Agilent(Hewlett-Packard) MGA-72543-TR2G Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA-72543-TR2G Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA-72543-TR2G Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA-72543-TR2G Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
MGA-72543 Typical Performance, continued, T
C = 25°C, ZO = 50, Vd = 3 V, Id = 20 mA, Frequency =
2 GHz, unless stated otherwise. All data as measured in Figure 2 test circuit (Input & Output presented to 50
Ω).
-3
0
3
18
15
12
9
6
01
2
3
4
6
5
FREQUENCY (GHz)
Figure 12. Output Power at 1 dB
Compression vs. Frequency and
Voltage.
2.7 V
3.0 V
3.3 V
-3
0
3
18
15
12
9
6
01
2
3
4
6
5
FREQUENCY (GHz)
Figure 13. Output Power at 1 dB
Compression vs. Frequency and
Temperature.
-40
°C
+25
°C
+85
°C
-3
0
3
18
15
12
9
6
01
2
3
4
6
5
FREQUENCY (GHz)
Figure 14. Input Third Order Intercept
Point vs. Frequency and Current.
10 mA
20 mA
40 mA
1.0
1.2
1.4
2.6
2.2
2.0
1.8
1.6
020
40
60
80
Id CURRENT (mA)
Figure 15. Minimum Noise Figure vs.
Current and Temperature.
-40
°C
+25
°C
+85
°C
2.4
-3
0
3
18
15
12
9
6
Id CURRENT (mA)
Figure 16. Associated Gain (Fmin)
vs. Current and Temperature.
-40
°C
+25
°C
+85
°C
020
40
80
60
0
3
6
21
18
15
12
9
Id CURRENT (mA)
Figure 17. Input Third Order Intercept
Point vs. Current and Temperature.
-40
°C
+25
°C
+85
°C
020
40
80
60
-3
0
3
18
15
12
9
6
Id CURRENT (mA)
Figure 18. Output Power at 1 dB
Compression vs. Current and
Temperature.
-40
°C
+25
°C
+85
°C
020
40
80
60
Id CURRENT (mA)
Figure 19. Input and Output VSWR
and VSWR of |
Γopt| vs. Current.
Gamma
Input
Output
020
40
80
60
1
2
5
4
3
Id CURRENT (mA)
Figure 20. Vref vs. Current and
Temperature.
020
40
80
60
0
0.2
1
0.6
0.8
0.4
-40
°C
+25
°C
+85
°C


Similar Part No. - MGA-72543-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-72543 AVAGO-MGA-72543 Datasheet
177Kb / 21P
   PHEMT Low Noise Amplifi er with Bypass Switch
logo
Broadcom Corporation.
MGA-72543 BOARDCOM-MGA-72543 Datasheet
177Kb / 21P
   PHEMT* Low Noise Amplifi er with Bypass Switch
More results

Similar Description - MGA-72543-TR2G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-72543 BOARDCOM-MGA-72543 Datasheet
177Kb / 21P
   PHEMT* Low Noise Amplifi er with Bypass Switch
DEMO-MGA-72543 BOARDCOM-DEMO-MGA-72543 Datasheet
177Kb / 21P
   PHEMT* Low Noise Amplifi er with Bypass Switch
logo
AVAGO TECHNOLOGIES LIMI...
MGA-72543 AVAGO-MGA-72543 Datasheet
177Kb / 21P
   PHEMT Low Noise Amplifi er with Bypass Switch
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com