Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-72543-BLK Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # MGA-72543-BLK
Description  PHEMT Low Noise Amplifier with Bypass Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA-72543-BLK Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button MGA-72543-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA-72543-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA-72543-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA-72543-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) MGA-72543-BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard) MGA-72543-BLK Datasheet HTML 11Page - Agilent(Hewlett-Packard) MGA-72543-BLK Datasheet HTML 12Page - Agilent(Hewlett-Packard) MGA-72543-BLK Datasheet HTML 13Page - Agilent(Hewlett-Packard) MGA-72543-BLK Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
MGA-72543 Typical Scattering Parameters and Noise Parameters
TC = 25°C, Vd = 3.0 V, Id = 40 mA, ZO = 50Ω, Vref = 0.3 V (from S and Noise Parameters in Figure 2 test circuit)
Freq.
S11
S21
S12
S22
|S21|
2
RLin
RLout
Gmax
Isolation
(GHz)
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
(dB)
(dB)
(dB)
(dB)
(dB)
0.10
0.75
-11
6.84
173
0.04
17
0.36
-12
16.7
2.5
8.9
19.7
-28.1
0.50
0.70
-28
6.45
159
0.04
11
0.34
-17
16.2
3.1
9.3
18.7
-27.6
0.80
0.68
-39
6.15
148
0.04
14
0.33
-24
15.8
3.4
9.6
18.1
-27.2
0.90
0.67
-43
6.05
144
0.04
15
0.33
-26
15.6
3.5
9.6
17.8
-27.0
1.00
0.65
-47
5.96
141
0.05
16
0.33
-28
15.5
3.7
9.6
17.6
-26.9
1.10
0.64
-51
5.87
138
0.05
17
0.33
-30
15.4
3.8
9.6
17.4
-26.7
1.20
0.63
-55
5.77
134
0.05
18
0.33
-32
15.2
4.0
9.7
17.1
-26.5
1.30
0.63
-58
5.68
131
0.05
19
0.33
-34
15.1
4.1
9.7
17.0
-26.3
1.40
0.62
-62
5.58
128
0.05
19
0.33
-36
14.9
4.2
9.8
16.8
-26.1
1.50
0.61
-65
5.49
125
0.05
20
0.32
-38
14.8
4.3
9.8
16.5
-25.9
1.60
0.60
-69
5.40
122
0.05
20
0.32
-40
14.6
4.5
9.9
16.3
-25.6
1.70
0.59
-72
5.31
119
0.05
20
0.32
-41
14.5
4.6
9.9
16.1
-25.4
1.80
0.58
-75
5.22
116
0.05
20
0.32
-43
14.4
4.8
10.0
15.9
-25.2
1.90
0.57
-79
5.13
113
0.06
20
0.32
-44
14.2
4.9
10.0
15.7
-25.1
2.00
0.56
-82
5.05
110
0.06
21
0.31
-46
14.1
5.1
10.1
15.5
-24.9
2.10
0.55
-85
4.96
108
0.06
21
0.31
-47
13.9
5.2
10.2
15.3
-24.7
2.20
0.54
-89
4.89
105
0.06
20
0.31
-49
13.8
5.3
10.2
15.1
-24.5
2.30
0.53
-92
4.81
102
0.06
20
0.31
-50
13.6
5.5
10.3
14.9
-24.3
2.40
0.53
-95
4.74
100
0.06
20
0.30
-52
13.5
5.6
10.4
14.8
-24.1
2.50
0.52
-98
4.66
97
0.06
20
0.30
-53
13.4
5.7
10.5
14.6
-23.9
3.00
0.48
-114
4.32
84
0.07
18
0.28
-61
12.7
6.4
11.2
13.8
-23.1
3.50
0.45
-130
4.03
72
0.08
16
0.25
-69
12.1
7.0
12.0
13.0
-22.4
4.00
0.42
-147
3.77
60
0.08
14
0.23
-79
11.5
7.5
12.9
12.3
-21.7
4.50
0.41
-164
3.53
48
0.09
11
0.21
-90
11.0
7.8
13.7
11.7
-21.1
5.00
0.40
179
3.31
37
0.09
7
0.19
-102
10.4
7.9
14.4
11.1
-20.5
5.50
0.40
165
3.11
26
0.10
3
0.18
-114
9.9
7.9
14.7
10.6
-20.0
6.00
0.41
148
2.93
16
0.11
0
0.17
-127
9.3
7.8
15.3
10.1
-19.4
6.50
0.42
137
2.77
6
0.11
-5
0.17
-140
8.9
7.5
15.5
9.7
-18.9
7.00
0.41
126
2.63
-5
0.12
-9
0.16
-150
8.4
7.8
16.1
9.2
-18.4
7.50
0.40
115
2.51
-15
0.13
-13
0.15
-158
8.0
8.0
16.5
8.7
-17.8
8.00
0.40
101
2.42
-25
0.14
-18
0.14
-173
7.7
7.9
17.0
8.4
-17.0
Freq.
NFmin
ΓΓΓΓΓopt
Rn/Zo
Ga
|
ΓΓΓΓΓopt|RL
Rn
P1dB
OIP3
IIP3
(GHz)
(dB)
Mag
Ang
(dB)
(dB)
(
)
(dBm)
(dBm)
(dBm)
0.80
1.29
0.40
36
0.27
16.44
8.03
13.29
15.2
26.0
10.6
0.90
1.26
0.38
37
0.27
16.25
8.34
13.34
15.1
26.0
10.8
1.00
1.22
0.35
41
0.27
16.02
9.06
13.39
15.1
25.9
11.0
1.50
1.40
0.29
53
0.27
15.13
10.79
13.44
14.8
26.2
11.8
1.80
1.49
0.26
61
0.23
14.62
11.65
11.72
14.8
26.1
11.8
1.90
1.50
0.26
64
0.23
14.46
11.87
11.41
14.8
26.1
11.9
2.00
1.52
0.24
68
0.22
14.30
12.27
11.20
14.9
26.0
12.0
2.10
1.52
0.25
72
0.22
14.16
12.16
10.92
14.9
26.2
12.4
2.20
1.53
0.24
75
0.22
14.01
12.35
10.79
15.0
26.3
12.7
2.30
1.53
0.23
78
0.21
13.86
12.59
10.52
15.0
26.4
13.0
2.40
1.55
0.23
81
0.21
13.73
12.60
10.33
15.1
26.5
13.2
2.50
1.55
0.24
85
0.20
13.59
12.57
10.14
15.1
26.7
13.4
3.00
1.59
0.22
100
0.18
12.91
13.32
9.18
15.2
26.9
14.1
3.50
1.60
0.20
120
0.16
12.29
13.81
8.06
15.3
27.0
14.8
4.00
1.64
0.20
142
0.14
11.71
13.86
7.11
15.6
27.3
15.7
4.50
1.68
0.21
163
0.13
11.15
13.63
6.57
15.5
27.5
16.5
5.00
1.71
0.23
-175
0.13
10.61
12.87
6.35
15.2
27.7
16.7
5.50
1.78
0.25
-159
0.13
10.15
11.91
6.54
16.0
28.1
17.7
6.00
1.74
0.31
-133
0.15
9.76
10.27
7.69
15.5
27.9
18.4


Similar Part No. - MGA-72543-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-72543 AVAGO-MGA-72543 Datasheet
177Kb / 21P
   PHEMT Low Noise Amplifi er with Bypass Switch
logo
Broadcom Corporation.
MGA-72543 BOARDCOM-MGA-72543 Datasheet
177Kb / 21P
   PHEMT* Low Noise Amplifi er with Bypass Switch
More results

Similar Description - MGA-72543-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-72543 BOARDCOM-MGA-72543 Datasheet
177Kb / 21P
   PHEMT* Low Noise Amplifi er with Bypass Switch
DEMO-MGA-72543 BOARDCOM-DEMO-MGA-72543 Datasheet
177Kb / 21P
   PHEMT* Low Noise Amplifi er with Bypass Switch
logo
AVAGO TECHNOLOGIES LIMI...
MGA-72543 AVAGO-MGA-72543 Datasheet
177Kb / 21P
   PHEMT Low Noise Amplifi er with Bypass Switch
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com